Electronic Components Datasheet Search
  English  ▼

X  

MP2624 Datasheet(PDF) 30 Page - Monolithic Power Systems

Part # MP2624
Description  I2C Controlled 4.5A Single Cell USB / Adaptor Charger with Narrow VDC Power Path Management USB OTG and Shipping Mode
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2624 Datasheet(HTML) 30 Page - Monolithic Power Systems

Back Button MP2624 Datasheet HTML 26Page - Monolithic Power Systems MP2624 Datasheet HTML 27Page - Monolithic Power Systems MP2624 Datasheet HTML 28Page - Monolithic Power Systems MP2624 Datasheet HTML 29Page - Monolithic Power Systems MP2624 Datasheet HTML 30Page - Monolithic Power Systems MP2624 Datasheet HTML 31Page - Monolithic Power Systems MP2624 Datasheet HTML 32Page - Monolithic Power Systems MP2624 Datasheet HTML 33Page - Monolithic Power Systems MP2624 Datasheet HTML 34Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
MP2624 – 4.5A SW CHARGER W/ I2C CONTROL, NVDC POWER PATH, USB OTG
MP2624 Rev.1.05
www.MonolithicPower.com
30
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
The acknowledge takes place after every byte.
The acknowledge bit allows the receiver to signal
the transmitter that the byte was successfully
received, so another byte may be sent. All clock
pulses, including the acknowledge 9th clock pulse,
are generated by the master.
The transmitter releases the SDA line during the
acknowledge clock pulse, so the receiver can pull
the SDA line low. It remains high during the 9th
clock pulse; this is the “not acknowledge” signal.
The master can then generate either a STOP to
abort the transfer or a repeated START to start a
new transfer.
After the START, a slave address is sent. This
address is 7 bits long followed by the 8th bit a
data direction bit (bit R/W). A zero indicates a
transmission (WRITE), and a one indicates a
request for data (READ). The complete data
transfer is shown in Figure 19.
Figure 19: Complete Data Transfer
Figure 20: Single Write
Figure 21: Single Read
Figure 22: Multi Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com