Electronic Components Datasheet Search
  English  ▼

X  

MP2624 Datasheet(PDF) 25 Page - Monolithic Power Systems

Part # MP2624
Description  I2C Controlled 4.5A Single Cell USB / Adaptor Charger with Narrow VDC Power Path Management USB OTG and Shipping Mode
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2624 Datasheet(HTML) 25 Page - Monolithic Power Systems

Back Button MP2624 Datasheet HTML 21Page - Monolithic Power Systems MP2624 Datasheet HTML 22Page - Monolithic Power Systems MP2624 Datasheet HTML 23Page - Monolithic Power Systems MP2624 Datasheet HTML 24Page - Monolithic Power Systems MP2624 Datasheet HTML 25Page - Monolithic Power Systems MP2624 Datasheet HTML 26Page - Monolithic Power Systems MP2624 Datasheet HTML 27Page - Monolithic Power Systems MP2624 Datasheet HTML 28Page - Monolithic Power Systems MP2624 Datasheet HTML 29Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
MP2624 – 4.5A SW CHARGER W/ I2C CONTROL, NVDC POWER PATH, USB OTG
MP2624 Rev.1.05
www.MonolithicPower.com
25
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
USB Timer
The total charging timer in default mode from the
100mA USB source is limited by a 45 minute
timer. When this timer expires, the MP2624 stops
the converter and goes into high-Z mode.
Once the device enters the HIZ state in host
mode, it stays in HIZ until the host writes REG00
[7] to 0. When the processor starts-up, it is
recommended to first check if the charger is in
HIZ mode or not.
In default mode, the charger will reset REG00 [7]
back to 0 when the input source is removed.
When another power source is plugged in, the
charger will run detection again and update the
current limit.
Host Mode and Default Mode
The MP2624 is a host-controlled device. After the
power-on reset, the MP2624 starts in the
watchdog timer expiration state or default mode.
All the registers are in the default settings.
Any write to the MP2624 makes it transition into
host mode. All the device parameters are
programmable by the host. To keep the device in
host mode, the host has to reset the watchdog
timer regularly by writing 1 to REG01 Bit [6]
before the watchdog timer expires. Once the
watchdog timer expires, the MP2624 returns to
default mode.
VREF LDO Output
The VREF LDO supplies the internal bias circuits
as well as the high-side and low-side FET gate
drive. The pull-up rail of STAT can be connected
to VREF as well. The VREF LDO will be enabled
once OTG is enabled. In non-OTG mode, the
internal VREF LDO is enabled when the following
conditions are valid:
VIN > 3.3V
No thermal shutdown
Both the internal LDO output and VBATT will be
passed to VREF via a PMOS. Only when
VIN > VBATT +250mV, the internal LDO output will
be delivered to VREF.
The VREF power supply circuit is shown in
Figure 11.
Figure 12 shows the host mode and default
mode change flow chart.
IN
BATT
LDO
VREF
S1
S2
Control
Figure 11: VREF Power Supply Circuit
Thermal Regulation and Thermal Shutdown
The MP2624 monitors continuously the internal
junction temperature to maximize power delivery
and avoid overheating the chip. When the
internal junction temperature reaches the preset
threshold, the MP2624 starts to reduce the
charge
current
to
prevent
higher
power
dissipation.
When the junction temperature reaches 150°C,
the PWM step-down converter goes
into
shutdown mode.
Battery Discharge Function
If only the battery is connected and the input
source is absent (but the OTG function is
disabled), the battery FET is turned on
completely when VBATT is above the VBATT_UVLO
threshold. The 10mΩ battery FET minimizes the
conduction loss during discharge and VREF LDO
stays off. The quiescent current of the MP2624 is
as low as 20μA. The low on resistance and low
quiescent current help extend the running time of
the battery.
There is an over-current limit designed in the
MP2624 to avoid system over current when the
battery is discharging. Once the discharged
current exceeds this limit (IDSG_LMT in EC Table) for
a 20μs blanking time, the discharge FET is
turned off. After a one second recovery time, the
discharge FET is turned on again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com