Electronic Components Datasheet Search
  English  ▼

X  

MP2624 Datasheet(PDF) 35 Page - Monolithic Power Systems

Part # MP2624
Description  I2C Controlled 4.5A Single Cell USB / Adaptor Charger with Narrow VDC Power Path Management USB OTG and Shipping Mode
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2624 Datasheet(HTML) 35 Page - Monolithic Power Systems

Back Button MP2624 Datasheet HTML 31Page - Monolithic Power Systems MP2624 Datasheet HTML 32Page - Monolithic Power Systems MP2624 Datasheet HTML 33Page - Monolithic Power Systems MP2624 Datasheet HTML 34Page - Monolithic Power Systems MP2624 Datasheet HTML 35Page - Monolithic Power Systems MP2624 Datasheet HTML 36Page - Monolithic Power Systems MP2624 Datasheet HTML 37Page - Monolithic Power Systems MP2624 Datasheet HTML 38Page - Monolithic Power Systems MP2624 Datasheet HTML 39Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
MP2624 – 4.5A SW CHARGER W/ I2C CONTROL, NVDC POWER PATH, USB OTG
MP2624 Rev.1.05
www.MonolithicPower.com
35
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Compensation/ Thermal Regulation Control Register / Address: 06H (Default: 0000 0011)
Bit
Symbol
Description
Read/ Write
Default
Bit 7
RBAT_CMP [2]
40mΩ
Read/ Write
Range: 0 – 70mΩ
Default: 0mΩ (000)
Bit 6
RBAT_CMP [1]
20mΩ
Bit 5
RBAT CMP [0]
10mΩ
Battery Compensation Voltage Clamp (above VBATT_FULL)
Bit 4
VCLAMP [2]
64mV
Read/ Write
Range: 0 – 112mV
Default: 0mV (000)
Bit 3
VCLAMP [1]
32mV
Bit 2
VCLAMP [0]
16mV
Thermal Regulation Threshold
Bit 1
TREG [1]
00 – 60ºC
01 – 80 ºC
10 – 100 ºC
11 – 120ºC
Read/ Write
Default: 120ºC (11)
Bit 0
TREG [0]
Miscellaneous Operation Control Register/ Address: 07H (Default: 0101 1011)
Bit
Symbol
Description
Read/ Write
Default
Bit 7
USB_DET_EN
0 – Not in DP/DM detection
1 – Force DP/DM detection
Read/ Write
Not in DP/DM
detection (0)
Bit 6
TMR2X_EN
0 – Disable 2x extended safety
timer
1 – Enable 2x extended safety
timer
Read/ Write
Enable (1)
Bit 5
BATFET_DIS
0 – Enable
1 – Turn off
Read/ Write
Enable (0)
Bit 4
Reserved
Read/ Write
(0)
Bit 3
EN_NTC
0 – Disable
1 – Enable
Read/ Write
Enable (1)
Bit 2
BATUVLO_DIS
0 – Enable
1 – Disable
Read/ Write
(0)
Bit 1
INT_MASK [1]
0 – No INT during CHG_FAULT
1 – INT in CHG_FAULT
Read/ Write
INT in CHG_FAULT
(1)
Bit 0
INT_MAST [0]
0 – No INT during BAT_FAULT
1 – INT in BAT_FAULT
Read/ Write
INT in BAT_FAULT
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com