Electronic Components Datasheet Search
  English  ▼

X  

MP2624 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2624
Description  I2C Controlled 4.5A Single Cell USB / Adaptor Charger with Narrow VDC Power Path Management USB OTG and Shipping Mode
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2624 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2624 Datasheet HTML 2Page - Monolithic Power Systems MP2624 Datasheet HTML 3Page - Monolithic Power Systems MP2624 Datasheet HTML 4Page - Monolithic Power Systems MP2624 Datasheet HTML 5Page - Monolithic Power Systems MP2624 Datasheet HTML 6Page - Monolithic Power Systems MP2624 Datasheet HTML 7Page - Monolithic Power Systems MP2624 Datasheet HTML 8Page - Monolithic Power Systems MP2624 Datasheet HTML 9Page - Monolithic Power Systems MP2624 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
MP2624 – 4.5A SW CHARGER W/ I2C CONTROL, NVDC POWER PATH, USB OTG
MP2624 Rev.1.05
www.MonolithicPower.com
6
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
IN, PMID, STAT to GND ...............-0.3V to +20V
SW to GND ............-0.3V (-2V for 20ns) to +20V
BST to GND…………........................ SW to +6V
BATT, SYS to GND………………. ..-0.3V to +6V
All other pins to GND ......................-0.3V to +6V
STAT, INT sink current ............................. 10mA
Continuous power dissipation
(TA = +25C)
(2)
................................................................... 2.6W
Junction temperature
............................150
C
Lead temperature (solder) ........................260
C
Storage temperature…. .......... -65°C to +150
C
Recommended Operating Conditions
(3)
VIN to GND .............................. .....3.9V to 7.0V
(4)
IIN...........................................................Up to 3A
ISYS .....................................................Up to 4.5A
ICHG.....................................................Up to 4.5A
VBATT...............................................Up to 4.425V
IDCHG .................................(Continuous) up to 6A
IDCHG ..........................................(Pulse) up to 9A
Operating junction temp. (TJ) ... -40C to +125C
Thermal Resistance (5)
θJA
θJC
QFN-22 (3mm x 4mm)............ 48 ...... 11....°C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will produce an excessive die temperature,
causing the regulator to go into thermal shutdown. Internal
thermal shutdown circuitry protects the device from
permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) The inherent switching noise voltage should not exceed the
absolute maximum rating on either BST or SW. A tight layout
minimizes switching loss.
5) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com