Electronic Components Datasheet Search
  English  ▼

X  

MP2624 Datasheet(PDF) 44 Page - Monolithic Power Systems

Part # MP2624
Description  I2C Controlled 4.5A Single Cell USB / Adaptor Charger with Narrow VDC Power Path Management USB OTG and Shipping Mode
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2624 Datasheet(HTML) 44 Page - Monolithic Power Systems

Back Button MP2624 Datasheet HTML 37Page - Monolithic Power Systems MP2624 Datasheet HTML 38Page - Monolithic Power Systems MP2624 Datasheet HTML 39Page - Monolithic Power Systems MP2624 Datasheet HTML 40Page - Monolithic Power Systems MP2624 Datasheet HTML 41Page - Monolithic Power Systems MP2624 Datasheet HTML 42Page - Monolithic Power Systems MP2624 Datasheet HTML 43Page - Monolithic Power Systems MP2624 Datasheet HTML 44Page - Monolithic Power Systems MP2624 Datasheet HTML 45Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 44 / 45 page
background image
MP2624 – 4.5A SW CHARGER W/ I2C CONTROL, NVDC POWER PATH, USB OTG
MP2624 Rev.1.05
www.MonolithicPower.com
44
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
IN
DM
DP
PMID
PGND
/EN
SDA
AGND
SCL
OTG
BST
SW
SW
SYS
BATT
DISC
VNTC
NTC
STAT
INT
VBUS
GND
4.7uF
1uF
USB/
Adaptor
Port
MPS I2C
Connector
10uF
30.9k
1.0uH
470nF
22uF
Load
22uF
Battery
10k
10k
1uF
MP2624
1k
2k
100k
100k
100k
4.7uF
C1
C2
C3
C4
C5
C6
C7
C8
RT1
RNTC
RT2
15k
R1
R2
R3
R4
R5
R6
L1
VREF
VREF
Figure 24: Typical Application Circuit of MP2624 with 5VIN
Table 3. The BOM of the Key Components
Qty 
Ref 
Value 
Description 
Package 
Manufacture
1
C1
4.7μF
Ceramic Capacitor;10V;
X5R or X7R
1206
Any
1
C2
1μF
Ceramic Capacitor;10V;
X5R or X7R
0603
Any
1
C3
4.7uF
Ceramic Capacitor;10V;
X5R or X7R
0805
Any
1
C4
1uF
Ceramic Capacitor;6.3V;
X5R or X7R
0603
Any
1
C5
10uF
Ceramic Capacitor;6.3V;
X5R or X7R
0603
Any
1
C6
470nF
Ceramic Capacitor;16V;
X5R or X7R
0603
Any
2
C7,C8
22uF
Ceramic Capacitor;10V;
X5R or X7R
1206
Any
1
RT1
10k
Film Resistor;1%
0603
Any
1
RT2
15k
Film Resistor;1%;
0603
Any
1
L1
1.0μH
Inductor;1.0uH;Low
DCR;ISAT>5A
SMD
Any



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com