Electronic Components Datasheet Search
  English  ▼

X  

SSM3582 Datasheet(PDF) 30 Page - Analog Devices

Part # SSM3582
Description  2횞, 31.76 W, Digital Input, Filterless Stereo Class-D Audio Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582 Datasheet(HTML) 30 Page - Analog Devices

Back Button SSM3582 Datasheet HTML 26Page - Analog Devices SSM3582 Datasheet HTML 27Page - Analog Devices SSM3582 Datasheet HTML 28Page - Analog Devices SSM3582 Datasheet HTML 29Page - Analog Devices SSM3582 Datasheet HTML 30Page - Analog Devices SSM3582 Datasheet HTML 31Page - Analog Devices SSM3582 Datasheet HTML 32Page - Analog Devices SSM3582 Datasheet HTML 33Page - Analog Devices SSM3582 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 59 page
background image
SSM3582
Data Sheet
Rev. 0| Page 30 of 59
STANDALONE OPERATION
The SSM3582 can be operated in a standalone hardware control
mode without any I2C control. The same ADDRx pins used to
set the I2C device address are used to set the functionality of the
device. In standalone mode, the I2C pins (SCL and SDA) are
inputs and are shorted to DVDD or AGND to set the TDM
slot/sample rate of the device (see Table 18). In this case, the
ANA_GAIN bits are set to 11 and SPWDN is set to 0 by default.
In standalone mode, TDM slot selection, mono mode operation,
and sample rate are selected via different pin settings. The
device looks at the FSYNC signal and, if it is a 50% duty cycle,
uses I2S settings. If the FYSNC signal is a pulse, the device uses
TDM settings.
Table 18. Standalone Mode Pin Settings and Functionality
Sample Rate
Pin States
TDM Slot(s)
MONO
ADDR0
ADDR1
SDA
SCL
32 kHz to 48 kHz
0
Open
0
0
1, 2
0
1
Open
0
0
3, 4
0
Pull-down
Open
0
0
5, 6
0
Pull-up
Open
0
0
7, 8
0
Open
0
0
0
9, 10
0
Open
1
0
0
11, 12
0
Open
Pull-down
0
0
13, 14
0
Open
Pull-up
0
0
15, 16
0
8 kHz to 12 kHz
Open
Open
0
0
1, 2
0
32 kHz to 48 kHz
0
Open
0
1
1
1
1
Open
0
1
2
1
Pull-down
Open
0
1
3
1
Pull-up
Open
0
1
4
1
Open
0
0
1
5
1
Open
1
0
1
6
1
Open
Pull-down
0
1
7
1
Open
Pull-up
0
1
8
1
8 kHz to 12 kHz
Open
Open
0
1
1, 2
1
64 kHz to 96 kHz
0
Open
1
0
1, 2
0
1
Open
1
0
3, 4
0
Pull-down
Open
1
0
5, 6
0
Pull-up
Open
1
0
7, 8
0
Open
0
1
0
9, 10
0
Open
1
1
0
11, 12
0
Open
Pull-down
1
0
13, 14
0
Open
Pull-up
1
0
15, 16
0
16 kHz to 24 kHz
Open
Open
1
0
1, 2
0
64 kHz to 96 kHz
0
Open
1
1
1
1
1
Open
1
1
2
1
Pull-down
Open
1
1
3
1
Pull-up
Open
1
1
4
1
Open
0
1
1
5
1
Open
1
1
1
6
1
Open
Pull-down
1
1
7
1
Open
Pull-up
1
1
8
1
128 kHz to 192 kHz
Open
Open
1
1
1, 2
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com