Electronic Components Datasheet Search
  English  ▼

X  

SSM3582 Datasheet(PDF) 55 Page - Analog Devices

Part # SSM3582
Description  2횞, 31.76 W, Digital Input, Filterless Stereo Class-D Audio Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582 Datasheet(HTML) 55 Page - Analog Devices

Back Button SSM3582 Datasheet HTML 51Page - Analog Devices SSM3582 Datasheet HTML 52Page - Analog Devices SSM3582 Datasheet HTML 53Page - Analog Devices SSM3582 Datasheet HTML 54Page - Analog Devices SSM3582 Datasheet HTML 55Page - Analog Devices SSM3582 Datasheet HTML 56Page - Analog Devices SSM3582 Datasheet HTML 57Page - Analog Devices SSM3582 Datasheet HTML 58Page - Analog Devices SSM3582 Datasheet HTML 59Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 55 / 59 page
background image
Data Sheet
SSM3582
Rev. 0| Page 55 of 59
Bits
Bit Name
Settings
Description
Reset
Access
6
CLIP_R
Right channel DAC clipping detected
0x0
R
0
No clipping right channel.
1
Clipping right channel.
5
AMP_OC_R
Right channel amplifier overcurrent condition
0x0
R
0
No overcurrent right channel.
1
Overcurrent right channel.
4
BAT_WARN_R
Battery voltage warning for right channel (VBAT < VBAT_INF_x)
0x0
R
0
VBAT > VBAT_INF_R right channel.
1
VBAT < VBAT_INF_R right channel.
3
LIM_EG_L
Left limiter gain reduction engaged
0x0
R
0
Limiter Gain Reduction Left Off.
1
Limiter Gain Reduction Left On.
2
CLIP_L
Left channel DAC clipping detected
0x0
R
0
No clipping left channel.
1
Clipping left channel.
1
AMP_OC_L
Left channel amplifier overcurrent condition
0x0
R
0
No over current left channel.
1
Over current left channel.
0
BAT_WARN_L
Battery voltage warning for left channel (VBAT < VBAT_INF_x)
0x0
R
0
VBAT > VBAT_INF_L left channel.
1
VBAT < VBAT_INF_L left channel.
Address: 0x1A, Reset: 0x00, Name: VBAT
Battery voltage readback
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] VBAT (R)
Table 49. Bit Descriptions for VBAT
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
VBAT
Battery Voltage Readback
0x0
R
Address: 0x1B, Reset: 0x00, Name: TEMP
Tem perature Sens or Readout
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] TEMP (R)
Table 50. Bit Descriptions for TEMP
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
TEMP
Temperature Sensor Readout. The actual temperature in degrees Celsius is TEMP –
60 decimal.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com