Electronic Components Datasheet Search
  English  ▼

X  

SSM3582 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM3582
Description  2횞, 31.76 W, Digital Input, Filterless Stereo Class-D Audio Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582 Datasheet(HTML) 1 Page - Analog Devices

  SSM3582 Datasheet HTML 1Page - Analog Devices SSM3582 Datasheet HTML 2Page - Analog Devices SSM3582 Datasheet HTML 3Page - Analog Devices SSM3582 Datasheet HTML 4Page - Analog Devices SSM3582 Datasheet HTML 5Page - Analog Devices SSM3582 Datasheet HTML 6Page - Analog Devices SSM3582 Datasheet HTML 7Page - Analog Devices SSM3582 Datasheet HTML 8Page - Analog Devices SSM3582 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
2×, 31.76 W, Digital Input,
Filterless Stereo Class-D Audio Amplifier
Data Sheet
SSM3582
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Digital input stereo, high efficiency Class-D amplifier
Operates from a single 4.5 V to 16 V supply
State-of-the-art, proprietary, filterless Σ-Δ modulation
106.5 dB signal-to-noise ratio
0.004% total harmonic distortion plus noise (THD + N)
at 5 W into 8 Ω
38.5 μV rms A weighted output noise
Pop/clickless on/off sequence
2× 14.67 W output at 12 V supply to 4 Ω loads at <1% THD + N
2× 14.4 W output at 16 V supply to 8 Ω loads at <1% THD + N
Mono mode for increased maximum output power
1× 49.69 W output at 16 V supply to 2 Ω loads at <1% THD + N
Support for low impedance loads
As low as 3 Ω/5 μH in stereo mode
As low as 2 Ω/5 μH in mono mode
High power efficiency
93.8% efficiency into an 8 Ω load
90.6% efficiency into a 4 Ω load
12.34 mA quiescent current with single 12 V PVDD supply
Single supply operation with internal LDOs or option to use
an external 5 V and 1.8 V supply for lowest power
consumption
I2C control and hardware modes with up to 16 pin-selectable
slots/addresses
Supported sample rates from 8 kHz to 192 kHz; 24-bit
resolution
Multiple PCM audio serial data formats
TDM slave with support for up to 16 devices on a single bus
I2S or left justified slave
Adjustable full-scale output tailored for many PVDD sources
2- and 3-cell Li-Ion batteries
Digital volume control with selectable smooth ramp
Automatic power-down function
Supply monitoring automatic gain control (AGC) function
reduces system brownout
Standalone operational mode without I2C
Temperature sensor with 1°C step readout via I2C
Short-circuit, undervoltage, and thermal protection
Thermal early warning
Power-on reset
PVDD sensing ADC
40-lead, 6 mm × 6 mm LFCSP with thermal pad
APPLICATIONS
Mobile computing
All in one computers
Portable electronics
Wireless speakers
Televisions
FUNCTIONAL BLOCK DIAGRAM
OUTL+
OUTL–
SDA
SCL
ADDR0
ADDR1
PVDD
DVDD
AGND
BSTL+
BSTL–
PGND
DAC
PVDD
ADC
TEMPERATURE
SENSOR
DVDD
1.8V LDO
VOLUME
BATTERY
AGC
SSM3582
THREE-LEVEL
Σ-∆
MODULATOR
FULL BRIDGE
POWER STAGE
I2C
CONTROL
I2S
TDM
INTERFACE
BLCK
FSYNC
SDATA
OUTR+
OUTR–
BSTR+
BSTR–
DAC
THREE-LEVEL
Σ-∆
MODULATOR
FULL BRIDGE
POWER STAGE
DVDD_EN
AVDD
AVDD
5V LDO
AVDD_EN
Figure 1.


Similar Part No. - SSM3582

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM3582A AD-SSM3582A Datasheet
975Kb / 58P
2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier
Rev. A
SSM3582ACPZ AD-SSM3582ACPZ Datasheet
975Kb / 58P
2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier
Rev. A
SSM3582ACPZ-R7 AD-SSM3582ACPZ-R7 Datasheet
975Kb / 58P
2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier
Rev. A
SSM3582ACPZ-RL AD-SSM3582ACPZ-RL Datasheet
975Kb / 58P
2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier
Rev. A
More results

Similar Description - SSM3582

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2001D2 TI-TPA2001D2 Datasheet
180Kb / 13P
1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2304 AD-SSM2304 Datasheet
408Kb / 19P
2 W Filterless Class-D Stereo Audio Amplifier
7/06-Revision 0
logo
Texas Instruments
TPA2000D2 TI-TPA2000D2_07 Datasheet
608Kb / 20P
2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D2 TI-TPA2001D2_06 Datasheet
209Kb / 14P
1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
2 W Filterless Class-D Stereo Audio Amplifier
REV. 0
SSM2306 AD-SSM2306_15 Datasheet
504Kb / 16P
2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
SSM3515 AD-SSM3515 Datasheet
1Mb / 41P
31 W, Filterless, Class-D Digital Input Audio Amplifier
REV. 0
SSM3302 AD-SSM3302_13 Datasheet
851Kb / 20P
2 횞10 W Filterless Class-D Stereo Audio Amplifier
5/13-Rev. 0 to Rev. A
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
Filterless, Stereo, Class-D Audio Amplifier
2/11-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com