Electronic Components Datasheet Search
  English  ▼

X  

SSM3582 Datasheet(PDF) 6 Page - Analog Devices

Part # SSM3582
Description  2횞, 31.76 W, Digital Input, Filterless Stereo Class-D Audio Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582 Datasheet(HTML) 6 Page - Analog Devices

Back Button SSM3582 Datasheet HTML 2Page - Analog Devices SSM3582 Datasheet HTML 3Page - Analog Devices SSM3582 Datasheet HTML 4Page - Analog Devices SSM3582 Datasheet HTML 5Page - Analog Devices SSM3582 Datasheet HTML 6Page - Analog Devices SSM3582 Datasheet HTML 7Page - Analog Devices SSM3582 Datasheet HTML 8Page - Analog Devices SSM3582 Datasheet HTML 9Page - Analog Devices SSM3582 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
SSM3582
Data Sheet
Rev. 0| Page 6 of 59
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
NOISE PERFORMANCE2
Stereo mode
Output Voltage Noise
en
f = 20 Hz to 20 kHz, A weighted, PVDD = 12 V, 8 Ω
37.8
μV rms
f = 20 Hz to 20 kHz, A weighted, PVDD = 16 V, 8 Ω
38.5
μV rms
f = 20 Hz to 20 kHz, A weighted, PVDD = 12 V, 4 Ω
36.8
μV rms
f = 20 Hz to 20 kHz, A weighted, PVDD = 16 V, 4 Ω
36.3
μV rms
Signal-to-Noise Ratio
SNR
PO = 8.1 W, RL = 8 Ω, AV = 19 dB, PVDD = 12 V, A weighted
106.5
dB
PO = 14.4 W, RL = 8 Ω, AV = 21 dB, PVDD = 16 V, A weighted
108.9
dB
PO = 14.67 W, RL = 4 Ω, AV = 19 dB, PVDD = 12 V, A weighted
106.3
dB
PO = 25.58 W, RL = 4 Ω, AV = 21 dB, PVDD = 16 V, A weighted
108.9
dB
PVDD ADC PERFORMANCE
PVDD Sense Full-Scale
Range
PVDD with full-scale ADC output
3.8
16.2
V
PVDD Sense Absolute
Accuracy
PVDD = 15 V
−8
+8
LSB
PVDD = 5 V
−6
+6
LSB
Resolution
Unsigned 8-bit output with 3.8 V offset
8
Bits
Temperature Sense ADC
Temperature Sense Range
−60
+160
°C
Temperature Sense
Accuracy
±5
°C
DIE TEMPERATURE
Overtemperature Warning
117
°C
Overtemperature Protection
145
°C
UNDERVOLTAGE FAULT
AVDD
3.6
V
PVDD
3.6
V
1 Guaranteed by design.
2 Noise performance is based on the bench data for TA = −40°C to +85°C.
Software master power-down indicates that the clocks are turned off. Automatic power-down indicates that there is no dither or zero
input signal with clocks on; the device enters soft power-down after 2048 cycles of zero input values. Quiescent indicates triangular dither
with zero input signal. All specifications are typical, with a 48 kHz sample rate, in stereo mode, unless otherwise noted.
Table 2. Power Supply Current Consumption, No Load1
Edge Rate
Control
Mode
Internal
Regulator
IPVDD
IDVDD
IAVDD
Test Conditions
PVDD = 5 V
PVDD = 12 V
PVDD = 16 V
PVDD = 1.8 V
PVDD = 5 V
Unit
Normal
Disabled
Software master power-down
0.065
0.065
0.065
2.68
7.542
μA
Automatic power-down
0.065
0.065
0.065
43.72
7.542
μA
Quiescent
2.54
4.94
6.25
0.945
6.335
mA
Enabled
Software master power-down
0.065
0.065
0.065
N/A
N/A
μA
Automatic power-down
209
286
329
N/A
N/A
μA
Quiescent
9.78
12.38
14.05
N/A
N/A
mA
Low EMI
Disabled
Software master power-down
0.065
0.065
0.065
2.68
7.542
μA
Automatic power-down
0.065
0.065
0.065
43.72
7.542
μA
Quiescent
2.56
5.01
6.31
0.945
6.171
mA
Enabled
Software master power-down
0.065
0.065
0.065
N/A
N/A
μA
Automatic power-down
209
286
329
N/A
N/A
μA
Quiescent
9.69
12.09
13.74
N/A
N/A
mA
1 N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com