Electronic Components Datasheet Search
  English  ▼

X  

SSM3582 Datasheet(PDF) 7 Page - Analog Devices

Part # SSM3582
Description  2횞, 31.76 W, Digital Input, Filterless Stereo Class-D Audio Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582 Datasheet(HTML) 7 Page - Analog Devices

Back Button SSM3582 Datasheet HTML 3Page - Analog Devices SSM3582 Datasheet HTML 4Page - Analog Devices SSM3582 Datasheet HTML 5Page - Analog Devices SSM3582 Datasheet HTML 6Page - Analog Devices SSM3582 Datasheet HTML 7Page - Analog Devices SSM3582 Datasheet HTML 8Page - Analog Devices SSM3582 Datasheet HTML 9Page - Analog Devices SSM3582 Datasheet HTML 10Page - Analog Devices SSM3582 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
Data Sheet
SSM3582
Rev. 0| Page 7 of 59
Table 3. Power Supply Current Consumption, 4 Ω + 15 μH1
Edge Rate
Control
Mode
Internal
Regulator
IPVDD
IDVDD
IAVDD
Test Conditions
PVDD = 5 V
PVDD = 12 V
PVDD = 16 V
PVDD = 1.8 V
PVDD = 5 V
Unit
Normal
Disabled
Software master power-down
0.065
0.065
0.065
2.68
7.542
μA
Automatic power-down
0.065
0.065
0.065
43.72
7.542
μA
Quiescent
2.6
4.93
6.25
0.945
6.477
mA
Enabled
Software master power-down
0.065
0.065
0.065
N/A
N/A
μA
Automatic power-down
209
286
329
N/A
N/A
μA
Quiescent
9.83
12.34
13.58
N/A
N/A
mA
Low EMI
Disabled
Software master power-down
0.065
0.065
0.065
2.68
7.542
μA
Automatic power-down
0.065
0.065
0.065
43.72
7.542
μA
Quiescent
2.51
4.62
5.6
0.945
6.182
mA
Enabled
Software master power-down
0.065
0.065
0.065
N/A
N/A
μA
Automatic power-down
209
286
329
N/A
N/A
μA
Quiescent
9.64
11.86
12.87
N/A
N/A
mA
1 N/A means not applicable.
Table 4. Power Supply Current Consumption, 8 Ω + 33 μH1
Edge Rate
Control
Mode
Internal
Regulator
IPVDD
IDVDD
IAVDD
Test Conditions
PVDD = 5 V
PVDD = 12 V
PVDD = 16 V
PVDD = 1.8 V
PVDD = 5 V
Unit
Normal
Disabled
Software master power-down
0.065
0.065
0.065
2.68
7.542
μA
Automatic power-down
0.065
0.065
0.065
43.72
7.542
μA
Quiescent
2.59
5.02
6.31
0.942
6.432
mA
Enabled
Software master power-down
0.065
0.065
0.065
N/A
N/A
μA
Automatic power-down
209
286
329
N/A
N/A
μA
Quiescent
9.82
12.39
13.73
N/A
N/A
mA
Low EMI
Disabled
Software master power-down
0.065
0.065
0.065
2.68
7.542
μA
Automatic power-down
0.065
0.065
0.065
43.72
7.542
μA
Quiescent
2.57
4.86
6.02
0.942
6.232
mA
Enabled
Software master power-down
0.065
0.065
0.065
N/A
N/A
μA
Automatic power-down
209
286
329
N/A
N/A
μA
Quiescent
9.65
12.02
13.18
N/A
N/A
mA
1 N/A means not applicable.
Table 5. Power-Down Current
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
POWER-DOWN CURRENT
External AVDD = 5 V and DVDD = 1.8 V, software
master power-down, no BCLK/FSYNC
IPVDD
PVDD = 5 V
65
nA
PVDD = 12 V
65
nA
PVDD = 16 V
65
nA
IAVDD
AVDD = 5 V external
7.542
μA
IDVDD
DVDD = 1.8 V external
2.7
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com