Electronic Components Datasheet Search
  English  ▼

X  

SSM3582 Datasheet(PDF) 9 Page - Analog Devices

Part # SSM3582
Description  2횞, 31.76 W, Digital Input, Filterless Stereo Class-D Audio Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582 Datasheet(HTML) 9 Page - Analog Devices

Back Button SSM3582 Datasheet HTML 5Page - Analog Devices SSM3582 Datasheet HTML 6Page - Analog Devices SSM3582 Datasheet HTML 7Page - Analog Devices SSM3582 Datasheet HTML 8Page - Analog Devices SSM3582 Datasheet HTML 9Page - Analog Devices SSM3582 Datasheet HTML 10Page - Analog Devices SSM3582 Datasheet HTML 11Page - Analog Devices SSM3582 Datasheet HTML 12Page - Analog Devices SSM3582 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
Data Sheet
SSM3582
Rev. 0| Page 9 of 59
Digital Timing Diagrams
tSCH
tSCS
tBFT
tSCF
tDS
tSCLL
tSCR
tDH
tSCLH
tSCH
STOP
CONDITION
START
CONDITION
SDA
SCL
tSDF
tSDR
Figure 2. I2C Port Timing
tSIS
tSIH
tSIS
tSIH
tLIH
tBP
tBIH
BCLK
FSYNC
SDATA
LEFT-JUSTIFIED
MODE
SDATA
I2C-JUSTIFIED
MODE
SDATA
RIGHT-JUSTIFIED
MODE
tBIL
tLIS
tSIS
tSIH
tSIS
tSIH
MSB
MSB
MSB
LSB
MSB – 1
Figure 3. Serial Input Port Timing
PVDD
PVDD/2
tWU
I2C POWER-UP COMMAND
OUTPUT
0V
Figure 4. Turn On Time, Hard Volume



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com