Electronic Components Datasheet Search
  English  ▼

X  

SSM3582 Datasheet(PDF) 16 Page - Analog Devices

Part # SSM3582
Description  2횞, 31.76 W, Digital Input, Filterless Stereo Class-D Audio Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582 Datasheet(HTML) 16 Page - Analog Devices

Back Button SSM3582 Datasheet HTML 12Page - Analog Devices SSM3582 Datasheet HTML 13Page - Analog Devices SSM3582 Datasheet HTML 14Page - Analog Devices SSM3582 Datasheet HTML 15Page - Analog Devices SSM3582 Datasheet HTML 16Page - Analog Devices SSM3582 Datasheet HTML 17Page - Analog Devices SSM3582 Datasheet HTML 18Page - Analog Devices SSM3582 Datasheet HTML 19Page - Analog Devices SSM3582 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 59 page
background image
SSM3582
Data Sheet
Rev. 0| Page 16 of 59
0.001
1.000
0.002
0.005
0.010
0.020
0.050
0.100
0.200
0.500
20
20k
50
100
200
500
FREQUENCY (Hz)
1k
2k
5k
10k
RL = 8Ω
PVDD = 12V
5W
1W
100mW
Figure 19. THD + N vs. Frequency, RL = 8 Ω, PVDD = 12 V
0.001
1.000
0.002
0.005
0.010
0.020
0.050
0.100
0.200
0.500
20
20k
50
100
200
500
FREQUENCY (Hz)
1k
2k
5k
10k
RL = 8Ω
PVDD = 16V
5W
1W
100mW
Figure 20. THD + N vs. Frequency, RL = 8 Ω, PVDD = 16 V
0.001
10
0.002
0.005
0.010
0.020
0.050
0.100
0.200
0.500
1.000
2
5
POWER (W)
4.5V
7.0V
16.0V
RL = 4Ω
ANALOG GAIN = 6.3V peak
Figure 21. THD + N vs. Power, RL = 4 Ω, Analog Gain = 6.3 V peak
0.001
10
0.002
0.005
0.010
0.020
0.050
0.100
0.200
0.500
1.000
2
5
POWER (W)
RL = 4Ω
ANALOG GAIN = 8.9V peak
4.5V
12.0V
16.0V (3dB GAIN ADDED)
Figure 22. THD + N vs. Power, RL = 4 Ω, Analog Gain = 8.9 V peak
0.001
10
0.002
0.005
0.010
0.020
0.050
0.100
0.200
0.500
1.000
2
5
POWER (W)
4.5V
12.0V
16.0V
RL = 4Ω
ANALOG GAIN = 12.6V peak
Figure 23. THD + N vs. Power, RL = 4 Ω, Analog Gain = 12.6 V peak
0.001
10
0.002
0.005
0.010
0.020
0.050
0.100
0.200
0.500
1.000
2
5
POWER (W)
4.5V
12.0V
16.0V
RL = 4Ω
ANALOG GAIN = 16V peak
Figure 24. THD + N vs. Power, RL = 4 Ω, Analog Gain = 16 V peak



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com