Electronic Components Datasheet Search
  English  ▼

X  

SSM3582 Datasheet(PDF) 22 Page - Analog Devices

Part # SSM3582
Description  2횞, 31.76 W, Digital Input, Filterless Stereo Class-D Audio Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582 Datasheet(HTML) 22 Page - Analog Devices

Back Button SSM3582 Datasheet HTML 18Page - Analog Devices SSM3582 Datasheet HTML 19Page - Analog Devices SSM3582 Datasheet HTML 20Page - Analog Devices SSM3582 Datasheet HTML 21Page - Analog Devices SSM3582 Datasheet HTML 22Page - Analog Devices SSM3582 Datasheet HTML 23Page - Analog Devices SSM3582 Datasheet HTML 24Page - Analog Devices SSM3582 Datasheet HTML 25Page - Analog Devices SSM3582 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 59 page
background image
SSM3582
Data Sheet
Rev. 0| Page 22 of 59
POUT (W)
NO FERRITE BEAD, 220pF CAPACITOR
ANALOG GAIN = 6.3V peak (MONO)
RL = 2Ω
PVDD = 5V
0
10
20
30
40
50
60
70
80
90
100
0123
4567
NORMAL EMI
LOW EMI
Figure 55. Efficiency vs. POUT, No Ferrite Bead, Analog Gain = 6.3 V peak,
RL = 2 Ω, PVDD = 5 V
POUT (W)
NO FERRITE BEAD, 220pF CAPACITOR
ANALOG GAIN = 8.9V peak (MONO)
RL = 2Ω
PVDD = 7V
0
10
20
30
40
50
60
70
80
90
100
0246
8
10
12
14
NORMAL EMI
LOW EMI
Figure 56. Efficiency vs. POUT, No Ferrite Bead, Analog Gain = 8.9 V peak,
RL = 2 Ω, PVDD = 7 V
POUT (W)
NO FERRITE BEAD, 220pF CAPACITOR
ANALOG GAIN = 12.6V peak (MONO)
RL = 2Ω
PVDD = 12.6V
0
10
20
30
40
50
60
70
80
90
100
NORMAL EMI
LOW EMI
0
5
10
15
20
25
30
35
40
Figure 57. Efficiency vs. POUT, No Ferrite Bead, Analog Gain = 12.6 V peak,
RL = 2 Ω, PVDD = 12.6 V
POUT (W)
NO FERRITE BEAD, 220pF CAPACITOR
ANALOG GAIN = 16V peak (MONO)
RL = 2Ω
PVDD = 16V
0
10
20
30
40
50
60
70
80
90
100
0
10203040
506070
NORMAL EMI
LOW EMI
Figure 58. Efficiency vs. POUT, No Ferrite Bead, Analog Gain = 16 V peak,
RL = 2 Ω, PVDD = 16 V
POUT (W)
NO FERRITE BEAD, 220pF CAPACITOR
ANALOG GAIN = 6.3V peak (MONO)
RL = 3Ω
PVDD = 5V
0
10
20
30
40
50
60
70
80
90
100
NORMAL EMI
LOW EMI
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Figure 59. Efficiency vs. POUT, No Ferrite Bead, Analog Gain = 6.3 V peak,
RL = 3 Ω, PVDD = 5 V
POUT (W)
NO FERRITE BEAD, 220pF CAPACITOR
ANALOG GAIN = 8.9V peak (MONO)
RL = 3Ω
PVDD = 7V
0
10
20
30
40
50
60
70
80
90
100
NORMAL EMI
LOW EMI
0
123
456
789
10
Figure 60. Efficiency vs. POUT, No Ferrite Bead, Analog Gain = 8.9 V peak,
RL = 3 Ω, PVDD = 7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com