Electronic Components Datasheet Search
  English  ▼

X  

SSM3582 Datasheet(PDF) 53 Page - Analog Devices

Part # SSM3582
Description  2횞, 31.76 W, Digital Input, Filterless Stereo Class-D Audio Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582 Datasheet(HTML) 53 Page - Analog Devices

Back Button SSM3582 Datasheet HTML 49Page - Analog Devices SSM3582 Datasheet HTML 50Page - Analog Devices SSM3582 Datasheet HTML 51Page - Analog Devices SSM3582 Datasheet HTML 52Page - Analog Devices SSM3582 Datasheet HTML 53Page - Analog Devices SSM3582 Datasheet HTML 54Page - Analog Devices SSM3582 Datasheet HTML 55Page - Analog Devices SSM3582 Datasheet HTML 56Page - Analog Devices SSM3582 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 59 page
background image
Data Sheet
SSM3582
Rev. 0| Page 53 of 59
Address: 0x17, Reset: 0x30, Name: FAULT_CTRL2
Engage m anual fault recovery attem pt
1: One m anual recovery attem pt.
0: No m anual recovery attem pt.
Overcurrent fault auto recovery control
1: Manual recovery using MRCV Bit.
0: Auto Recovery Enabled.
Over tem perature fault auto recovery
control
1: Manual recovery using MRCV Bit.
0: Auto Recovery Enabled.
Maxim um Autom atic Recovery Attem pts
11: Unlim ited attem pts.
10: 7 attem pts.
1: 3 attem pts.
0: 1 attem pt.
Undervoltage Fault Auto Recovery
Control
1: Manual recovery using MRCV Bit.
0: Auto Recovery Enabled.
0
0
1
0
2
0
3
0
4
1
5
1
6
0
7
0
[7] MRCV (W)
[0] ARCV_OC (R/W)
[6] RESERVED
[1] ARCV_OT (R/W)
[5:4] MAX_AR (R/W)
[2] ARCV_UV (R/W)
[3] RESERVED
Table 46. Bit Descriptions for FAULT_CTRL2
Bits
Bit Name
Settings
Description
Reset
Access
7
MRCV
Engage Manual Fault Recovery Attempt
0x0
W
6
RESERVED
Reserved
0x0
R
[5:4]
MAX_AR
Maximum Automatic Recovery Attempts
0x3
R/W
0
1 Attempt
1
3 Attempts
10
7 Attempts
11
Unlimited Attempts
3
RESERVED
Reserved
0x0
R
2
ARCV_UV
Undervoltage Fault Automatic Recovery Control
0x0
R/W
0
Automatic Recovery Enabled
1
Manual Recovery Using MRCV Register
1
ARCV_OT
Over Temperature Fault Automatic Recovery Control
0x0
R/W
0
Automatic Recovery Enabled
1
Manual Recovery Using MRCV Bit
0
ARCV_OC
Over Current Fault Automatic Recovery Control
0x0
R/W
0
Automatic Recovery Enabled
1
Manual Recovery Using MRCV Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com