Electronic Components Datasheet Search
  English  ▼

X  

PC8260 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # PC8260
Description  PowerPC-based Communications Processors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8260 Datasheet(HTML) 1 Page - ATMEL Corporation

  PC8260 Datasheet HTML 1Page - ATMEL Corporation PC8260 Datasheet HTML 2Page - ATMEL Corporation PC8260 Datasheet HTML 3Page - ATMEL Corporation PC8260 Datasheet HTML 4Page - ATMEL Corporation PC8260 Datasheet HTML 5Page - ATMEL Corporation PC8260 Datasheet HTML 6Page - ATMEL Corporation PC8260 Datasheet HTML 7Page - ATMEL Corporation PC8260 Datasheet HTML 8Page - ATMEL Corporation PC8260 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
1
Features
• PC603e™ Microprocessor (Embedded PowerPC™ Core) at 100 - 200 MHz
– 140 MIPS at 100 MHz (Dhrystone 2.1)
– 280 MIPS at 200 MHz (Dhrystone 2.1)
– High-performance, Superscalar Microprocessor
– Disable CPU Mode
– Improved Low-power Core
– 16-Kbyte Data and 16-Kbyte Instruction Cache, Four-way Set Associative
– Memory Management Unit
– No Floating Point Unit
– Common On-chip Processor (COP)
• System Integration Unit (SIU)
– Memory Controller, Including Two Dedicated SDRAM Machines
– PCI up to 66 MHz (Available in Subsequent Versions)
– Hardware Bus Monitor and Software Watchdog Timer
– IEEE 1149.1 JTAG Test Access Port
• High-performance Communications Processor Module (CPM) with Operating
Frequency up to 166 MHz
– PowerPC and CPM May Run at Different Frequencies
– Supports Serial Bit Rates up to 710 Mbps at 133 MHz
– Parallel I/O Registers
– On-board 24 KBytes of Dual-port RAM
– Two Multi-channel Controllers (MCCs) Each Supporting 128 Full-duplex, 64-Kbps,
HDLC Lines
– Virtual DMA Functionality
• Two Bus Architectures: One 64-bit PowerPC and One 32-bit Local Bus (or PCI on
PC8265)
• Two UTOPIA Level-2 Master/Slave Ports, Both with Multi-PHY Support. One Can
Support 8/16 bit Data
• Three MIL Interfaces
• Eight TDM Interfaces (T1/E1), Two TDM Ports Can Be Glueless to T3/E3
• Power Consumption: 2.5W at 133 MHz
Description
The PC8260 PowerQUICC II™ is a versatile communications processor that inte-
grates on one chip, a high-performance PowerPC (PC603e) RISC microprocessor, a
highly flexible system integration unit, and many communications peripheral control-
lers that can be used in a variety of applications, particularly in communications and
networking systems.
The core is an embedded variant of the PC603e microprocessor, specifically referred
to later in this document as the EC603e, with 16 Kbytes of instruction cache and 16
Kbytes of data cache and no floating-point unit (FPU). The system interface unit (SIU)
consists of a flexible memory controller that interfaces to almost any user-defined
memory system, a 60x-to-PCI bus bridge (available in future revisions) and many
other peripherals, making this device a complete system on a chip.
The communications processor module (CPM) includes all the peripherals found in
the PC860, with the addition of three high-performance communication channels that
support new emerging protocols (for example, 155-Mbps ATM and Fast Ethernet).
Equipped with dedicated hardware, the PC8260 can handle up to 256 full-duplex,
time-division, multiplexed logical channels.
PowerPC-based
Communications
Processors
PC8260
PowerQUICC II™
Rev. 2131B–HIREL–02/03


Similar Part No. - PC8260

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC826 SHARP-PC826 Datasheet
259Kb / 4P
Hgh -w=der Vtige, Hgh Density Mounting Type Photocoupler
logo
Laird Tech Smart Techno...
PC826N LSTD-PC826N Datasheet
415Kb / 1P
All-welded unit construction
PC826N LSTD-PC826N Datasheet
415Kb / 1P
No adjustments ever needed
More results

Similar Description - PC8260

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL702-01 PLL-PLL702-01 Datasheet
271Kb / 8P
Clock Generator for PowerPC Based Applications
logo
Zilog, Inc.
Z80382 ZILOG-Z80382 Datasheet
304Kb / 77P
HIGH-PERFORMANCE DATA COMMUNICATIONS PROCESSORS
logo
Freescale Semiconductor...
P1012 FREESCALE-P1012 Datasheet
291Kb / 2P
single- and dual-core communications processors
P1010NXE5HFA FREESCALE-P1010NXE5HFA Datasheet
209Kb / 2P
QorIQ P1010 and P1014 Communications Processors
P1021NXE2FFB FREESCALE-P1021NXE2FFB Datasheet
387Kb / 2P
communications processors
P1010NSN5HHA FREESCALE-P1010NSN5HHA Datasheet
209Kb / 2P
Communications Processors
P1011NXN2HFB FREESCALE-P1011NXN2HFB Datasheet
387Kb / 2P
communications processors
P1014NSE5HFA FREESCALE-P1014NSE5HFA Datasheet
209Kb / 2P
Communications Processors
P1010NXN5HFA FREESCALE-P1010NXN5HFA Datasheet
209Kb / 2P
Communications Processors
logo
NXP Semiconductors
T1024 NXP-T1024 Datasheet
142Kb / 3P
Communications Processors
2014-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com