Electronic Components Datasheet Search
  English  ▼

X  

PC8260 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # PC8260
Description  PowerPC-based Communications Processors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8260 Datasheet(HTML) 4 Page - ATMEL Corporation

  PC8260 Datasheet HTML 1Page - ATMEL Corporation PC8260 Datasheet HTML 2Page - ATMEL Corporation PC8260 Datasheet HTML 3Page - ATMEL Corporation PC8260 Datasheet HTML 4Page - ATMEL Corporation PC8260 Datasheet HTML 5Page - ATMEL Corporation PC8260 Datasheet HTML 6Page - ATMEL Corporation PC8260 Datasheet HTML 7Page - ATMEL Corporation PC8260 Datasheet HTML 8Page - ATMEL Corporation PC8260 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
4
PC8260 PowerQUICC II
2131B–HIREL–02/03
EC603e Core
The EC603e core is derived from the PowerPC603e microprocessor without the float-
ing-point unit and with power management modifications.The core is a high-
performance low-power implementation of the PowerPC family of reduced instruction
set computer (RISC) microprocessors. The EC603e core implements the 32-bit portion
of the PowerPC architecture, which provides 32-bit effective addresses, integer data
types of 8, 16 and 32 bits. The EC603e cache provides snooping to ensure data coher-
ency with other masters. This helps ensure coherency between the CPM and system
core.
The core includes 16 Kbytes of instruction cache and 16 Kbytes of data cache. It has a
64-bit split-transaction external data bus which is connected directly to the external
PC8260 pins.
The EC603e core has an internal common on-chip (COP) debug processor. This pro-
cessor allows access to internal scan chains for debugging purposes. It is also used as
a serial connection to the core for emulator support.
The EC603e core performance for the SPEC 95 benchmark for integer operations
ranges between 4.4 and 5.1 at 200 MHz. In Dhrystone 2.1 MIPS, the EC603e is 280
MIPS at 200 MHz (compared to 86 MIPS of the PC860 at 66 MHz).
The EC603e core can be disabled. In this mode, the PC8260 functions as a slave
peripheral to an external core or to another PC8260 device with its core enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com