Electronic Components Datasheet Search
  English  ▼

X  

PC8260 Datasheet(PDF) 30 Page - ATMEL Corporation

Part # PC8260
Description  PowerPC-based Communications Processors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8260 Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button PC8260 Datasheet HTML 26Page - ATMEL Corporation PC8260 Datasheet HTML 27Page - ATMEL Corporation PC8260 Datasheet HTML 28Page - ATMEL Corporation PC8260 Datasheet HTML 29Page - ATMEL Corporation PC8260 Datasheet HTML 30Page - ATMEL Corporation PC8260 Datasheet HTML 31Page - ATMEL Corporation PC8260 Datasheet HTML 32Page - ATMEL Corporation PC8260 Datasheet HTML 33Page - ATMEL Corporation PC8260 Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
30
PC8260 PowerQUICC II
2131B–HIREL–02/03
L_A29
PCI_INTA
Local Bus Address 29
O
In the local address bus, bit 14 is most significant and bit 31 is least
significant.
PCI INTA
I/O
When the PowerQUICC II is the host in the PCI system, this pin is an
input for delivering PCI interrupts to the host. When the PowerQUICC II
is not the host of the PCI system, this pin is an output used by the
PowerQUICC II to signal an interrupt to the PCI host.
L_A30
Local Bus Address 30
O
In the local address bus, bit 14 is most significant and bit 31 is least
significant.
L_A31
DLLSYNC
Local Bus Address 31
O
In the local address bus, bit 14 is most significant and bit 31 is least
significant.
DLL Synchronization
I
DLLSYNC is used to eliminate skew for the clock driven on CLKOUT.
LCL_D[0:31]
PCI_AD[0:31]
Local Bus Data
I/O
In the local data bus, bit 0 is most significant and bit 31 is least
significant.
PCI Address Data
I/O
PCI bus address data input/output pins. In the PCI address data bus, bit
31 is most significant and bit 0 is least significant.
LCL_DP[0:3]
PCI_C/BE[0:3]
Local Bus Data Parity
I/O
In local bus write operations the PowerQUICC II drives these pins. In
local bus read operations the accessed device drives these pins.
LCL_DP(0) is driven with a value that gives odd parity with LCL_D(0:7).
LCL-DP(1) is driven with a value that gives odd parity with LCL_D(8:15).
LCL_DP(2) is driven with a value that gives odd parity with
LCL_D(16:23).
LCL_DP(3) is driven with a value that gives odd parity with
LCL_D(24:31)
PCP Command/Byte
Enable
I/O
The PowerQUICC II drives these pins when it is the initiator of a PCI
transfer.
IRQ0
NMI_OUT
Interrupt request 0
I
This input is one of the eight external lines that can request (by means of
the NMI-OUT internal interrupt controller) a service routine from the
core.
Non Maskable Interrupt
Output
O
This is an output driven from PowerQUICC II’s internal interrupt
controller. Assertion of this output indicates that an unmasked interrupt
is pending in PowerQUICC II’s internal interrupt controller.
IRQ7
INT_OUT
APE
Interrupt Request 7
I
This input is one of the eight external lines that can request (by means of
the internal interrupt controller) a service routine from the core.
Interrupt Output
O
This is an output driven from PowerQUICC II’s internal interrupt
controller. Assertion of this output indicates that an unmasked interrupt
is pending in PowerQUICC II’s internal interrupt controller.
Address Parity Error
O
This output pin will be asserted when the PowerQUICC II’s detects
wrong parity driven on its address parity pins by an external master
TRST
Test Reset (JTAG)
I
This is the reset input to PowerQUICC II’s JTAG/COP controller.
TCK
Test Clock (JTAG)
I
This pin provides the clock input for PowerQUICC II’s JTAG/COP
controller.
TMS
Test Mode Select (JTAG)
I
This pin controls the state of PowerQUICC II’s JTAG/COP controller.
TDI
Test Data In (JTAG)
I
This pin is the data input to PowerQUICC II’s JTAG/COP controller.
TDO
Test Data Out (JTAG)
O
This pin is the data output from PowerQUICC II’s JTAG/COP controller.
Table 4. External Signals (Continued)
Pin
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com