Electronic Components Datasheet Search
  English  ▼

X  

PC8260 Datasheet(PDF) 45 Page - ATMEL Corporation

Part # PC8260
Description  PowerPC-based Communications Processors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8260 Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button PC8260 Datasheet HTML 41Page - ATMEL Corporation PC8260 Datasheet HTML 42Page - ATMEL Corporation PC8260 Datasheet HTML 43Page - ATMEL Corporation PC8260 Datasheet HTML 44Page - ATMEL Corporation PC8260 Datasheet HTML 45Page - ATMEL Corporation PC8260 Datasheet HTML 46Page - ATMEL Corporation PC8260 Datasheet HTML 47Page - ATMEL Corporation PC8260 Datasheet HTML 48Page - ATMEL Corporation PC8260 Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 53 page
background image
45
PC8260 PowerQUICC II
2131B–HIREL–02/03
Notes:
1. Input specifications are measured from TTL level (0.8 or 2.0V) of the signal to the 1.4
level of the rising edge of CLKIN.
2. Timings are measured at the pins.
Notes:
1. Output specifications are measured from the 1.4V level of the rising edge of CLKIN to
the TTL level (0.8 or 2.0V) of the signal.
2. Timings are measured at the pin.
Activating data pipelining (setting BRx[DR] in the memory controller) improves the AC
timing. When data pipelining is activated, sp12 can be used for data bus setup even
when ECC or PARITY are used. Also, sp33a can be used as the AC specification for DP
signals.
Table 13. AC Characteristics for SIU Inputs
Spec_num
Characteristics
Setup (ns)
Hold (ns)
sp11/sp10
AACK/ARTRY/TA/TEA/DBG/BG/BR
61
sp12/sp10
Data Bus in Normal mode
5
1
sp13sp10
Data Bus in ECC and PARITY Modes
8
1
sp14/sp10
DP pins
8
1
sp15/sp10
All Other Pins
5
1
Table 14. AC Characteristics for SIU Outputs
Spec_num
Characteristics
Max Delay (ns)
Min Delay (ns)
sp31/sp30
PSDVAL/TEA/TA
10
1
sp32/sp30
ADD/ADD_atr./BADDR/CIGBL/WT
8
1
sp33a/sp30
Data Bus
8
1
sp33b/sp30
DP
12
1
sp34/sp10
Memc Signals/ALE
6
1
sp35/sp10
All Other Signals
7
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com