Electronic Components Datasheet Search
  English  ▼

X  

PC8260 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # PC8260
Description  PowerPC-based Communications Processors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8260 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button PC8260 Datasheet HTML 18Page - ATMEL Corporation PC8260 Datasheet HTML 19Page - ATMEL Corporation PC8260 Datasheet HTML 20Page - ATMEL Corporation PC8260 Datasheet HTML 21Page - ATMEL Corporation PC8260 Datasheet HTML 22Page - ATMEL Corporation PC8260 Datasheet HTML 23Page - ATMEL Corporation PC8260 Datasheet HTML 24Page - ATMEL Corporation PC8260 Datasheet HTML 25Page - ATMEL Corporation PC8260 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
22
PC8260 PowerQUICC II
2131B–HIREL–02/03
DBG
60x Data Bus Grant
I/O
This is an output when an internal arbiter is used and an input when an
external arbiter is used. As an output, the PowerQUICC II asserts this
pin to grant 60x data bus ownership to an external bus master. As an
input, the external arbiter should assert this pin to grant 60x data bus
ownership to the PowerQUICC II.
DBB
IRQ3
60x Data Bus Busy
I/O
As an output the PowerQUICC II asserts this pin for the duration of the
data bus tenure. Following a TA, which terminates the data bus tenure,
the PowerQUICC II negates DBB for a fraction of a bus cycle and then
stops driving this pin. As an input, the PowerQUICC II will not assume
60x data bus ownership, as long as it senses this pin is asserted by an
external 60x bus master.
Interrupt Request 3
I
This input is one of the eight external lines that can request (by means of
the internal interrupt controller) a service routine from the core.
D[0:63]
60x Data Bus
I/O
In write transactions, the 60x bus master drives the valid data on this
bus. In read transactions, the 60x slave drives the valid data on this bus.
DP[0]
RSRV
EXT BR2
60x Data Parity 0
I/O
The 60x agent that drives the data bus, also drives the data parity
signals. The value driven on the data parity 0 pin should provide odd
parity (odd number of 1’s) on the group of signals that include data parity
0 and D[0:7].
Reservation
O
The value driven on this output pin represents the state of the coherency
bit in the reservation address register that is used by the Iwarx and
stwcx. instructions.
External Bus Request 2
I
An external master should assert this pin to request 60xbus ownership
from the internal arbiter.
IRQ1
DP[1]
EXT BG2
Interrupt Request 1
I
This input is one of the eight external lines that can request (by means of
the internal interrupt controller) a service routine from the core.
60x Data Parity 1
I/O
The 60x agent that drives the data bus, also drives the data parity
signals. The value driven on the data parity 1 pin should provide odd
parity (odd number of 1’s) on the group of signals that includes data
parity 1 and D[8:15].
External Bus Grant 2
O
The PowerQUICC II asserts this pin to grant 60x bus ownership to an
external bus master.
IRQ2
DP[2]
TLBISYNC
EXT DBG2
Interrupt Request 2
I
This input is one of the eight external lines that can request (by means of
the internal interrupt controller) a service routine from the core.
60x Data Parity 2
I/O
The 60x agent that drives the data bus, also drives the data parity
signals. The value driven on the data parity 2 pin should provide odd
parity (odd number of 1’s) on the group of signals that includes data
parity 2 and S[16:23].
TLB Sync:
I
This input pin can be used to synchronize 60x core instruction execution
to hardware indications. Asserting this pin will force the core to stop
instruction execution following a tlbsinc instruction execution. The core
resumes instruction execution once this pin is negated.
External Data Bus Grant 2
O
The PowerQUICC II asserts this pin to grant 60x data bus ownership to
an external bus master.
Table 4. External Signals (Continued)
Pin
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com