Electronic Components Datasheet Search
  English  ▼

X  

PC8260 Datasheet(PDF) 42 Page - ATMEL Corporation

Part # PC8260
Description  PowerPC-based Communications Processors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8260 Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button PC8260 Datasheet HTML 38Page - ATMEL Corporation PC8260 Datasheet HTML 39Page - ATMEL Corporation PC8260 Datasheet HTML 40Page - ATMEL Corporation PC8260 Datasheet HTML 41Page - ATMEL Corporation PC8260 Datasheet HTML 42Page - ATMEL Corporation PC8260 Datasheet HTML 43Page - ATMEL Corporation PC8260 Datasheet HTML 44Page - ATMEL Corporation PC8260 Datasheet HTML 45Page - ATMEL Corporation PC8260 Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 53 page
background image
42
PC8260 PowerQUICC II
2131B–HIREL–02/03
Figure 9. TDM Signal Diagram
Note:
Output specifications are measured from the 1.4V level of the rising edge of CLKIN to the
TTL level (0.8 or 2.0V) of the signal. Timing is measured at the pin.
Note:
Input specifications are measured from the TTL level (0.8 or 2.0V) of the signal to the 1.4
level of the rising edge of CLKIN. Timing is measured at the pin.
Table 10. AC Characteristics for CPM Outputs
Spec_num
Characteristics
Max Delay (ns)
Min Delay (ns)
sp36a/sp37a
FCC Outputs – Internal clock
(NMSI)
60
sp36b/sp37b
FCC Outputs – External clock
(NMSI)
18
2
sp40/sp41
TDM Outputs
35
5
sp38a/sp39a
SCC/SMC/SPI/I2C Outputs –
Internal Clock (NMSI)
20
0
sp38b/sp39b
EX_SCC/SMC/SPI/I2C Outputs –
External Clock (NMSI)
30
0
sp42/sp43
PIO/TIMER/DMA Outputs
14
1
Table 11. AC Characteristics for CPM Inputs
Spec_num
Characteristics
Setup (ns)
Hold (ns)
sp16a/sp17a
FCC Inputs – Internal clock (NMSI)
10
0
sp16b/sp17b
FCC Inputs – External clock (NMSI)
5
3
sp20/sp21
TDM Inputs
20
20
sp18a/sp19a
ISCC/SMC/SPI/I2C Inputs –
Internal Clock (NMSI)
20
0
sp18b/sp19b
SCC/SMC/SPI/I2C Inputs –
External Clock (NMSI)
55
sp22/sp23
PIO/TIMER/DMA Outputs
10
3
sp40/sp41
sp21
sp20
Serial CLKin
TDM Input Signals
TDM Output Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com