| Electronic Components Datasheet Search |
|
PC8260 Datasheet(PDF) 29 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
PC8260 Datasheet(HTML) 29 Page - ATMEL Corporation |
|
29 / 53 page ![]() 29 PC8260 PowerQUICC II 2131B–HIREL–02/03 L_A22 PCI_SERR Local Bus Address 22 O In the local address bus, bit 14 is most significant and bit 31 is least significant. PCI System Error I/O Assertion of this pin indicates that a PCI system error was detected during a PCI transfer. L_A23 PCI_REQ0 Local Bus Address 23 O In the local address bus, bit 14 is most significant and bit 31 is least significant. PCI Arbiter Request 0 I/O When PowerQUICC II’s internal PCI arbiter is used, this is an input pin. In this mode assertion of this pin indicates that an external PCI agent is requesting the PCI bus. When an external PCI arbiter is used, this is an output pin. In this mode assertion of this pin indicates that PowerQUICC II’s PCI interface is requesting the PCI bus. L_A24 PCI_REQ1 Local Bus Address 24 O In the local address bus, bit 14 is most significant and bit 31 is least significant. PCI Arbiter Request 1 I When PowerQUICC II’s internal PCI arbiter is used, assertion of this pin indicates that an external PCI agent is requesting the PCI bus. L_A25 PCI_GNT0 Local Bus Address 25 O In the local address bus, bit 14 is most significant and bit 31 is least significant. PCI Arbiter Grant 0 I/O When PowerQUICC II’s internal PCI arbiter is used, this is an output pin. In this mode, assertion of this pin indicates that an external PCI agent that requested the PCI bus with the REQ0 pin is granted the bus. When an external PCI arbiter is used, this is an input pin. In this mode, assertion of this pin indicates that PowerQUICC II’s PCI interface is granted the PCI bus. L_A26 PCI_GNT1 Local Bus Address 26 O In the local address bus, bit 14 is most significant and bit 31 is least significant. PCI Arbiter Grant 1 O When PowerQUICC II’s internal PCI arbiter is used, assertion of this pin indicates that the external PCI agent that requested the PCI bus with the REQ1 pin is granted the bus. L_A27 CLKOUT Local Bus Address 27 O In the local address bus, bit 14 is most significant and bit 31 is least significant. Clock Output pin O In a PCI system where PC8260’s PCI interface is configured to operate from an external PCI clock, the 60x bus clock is driven on CLKOUT. In a PCI system where the PC8260’s PCI interface is configured to generate the PCI clock, the PCI clock is driven on CLKOUT. The PCI clock frequency range is 25-66MHz. L_A28 PCI_RST CORE_SRESET Local Bus Address 28 O In the local address bus bit 14 is most significant and bit 31 is least significant. PCI Reset I/O When the PC8260 is the host in the PCI system, PCI_RST is an output. When the PC8260is not the host of the PCI system, PCI_RST is an input. Core System Reset I This an input to the core. When this input pin is asserted the core branches to its reset vector. Table 4. External Signals (Continued) Pin Signal Name Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |