Electronic Components Datasheet Search
  English  ▼

X  

PC8260 Datasheet(PDF) 23 Page - ATMEL Corporation

Part # PC8260
Description  PowerPC-based Communications Processors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8260 Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button PC8260 Datasheet HTML 19Page - ATMEL Corporation PC8260 Datasheet HTML 20Page - ATMEL Corporation PC8260 Datasheet HTML 21Page - ATMEL Corporation PC8260 Datasheet HTML 22Page - ATMEL Corporation PC8260 Datasheet HTML 23Page - ATMEL Corporation PC8260 Datasheet HTML 24Page - ATMEL Corporation PC8260 Datasheet HTML 25Page - ATMEL Corporation PC8260 Datasheet HTML 26Page - ATMEL Corporation PC8260 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
23
PC8260 PowerQUICC II
2131B–HIREL–02/03
IRQ3
DP[3]
CKSTP OUT
EXT BR3
Interrupt Request 3
I
This input is one of the eight external lines that can request (by means of
the internal interrupt controller) a service routine from the core.
60x Data Parity 3
I/O
The 60x agent that drives the data bus, also drives the data parity
signals. The value driven on the data parity 3 pin should provide odd
parity (odd number of 1’s) on the group of signals that includes data
parity 3 and D[24:31].
Checkstop Output
O
Assertion of this pin indicates that the core is in its checkstop mode.
External Bus Request 3
I
An external master should assert this pin to request 60x bus ownership
from the internal arbiter.
IRQ4
DP[4]
CORE SRESET
EXT BG3
Interrupt Request 4
I
This input is one of the eight external lines that can request (by means of
the internal interrupt controller) a service routine from the core.
60x Data Parity 4
I/O
The 60x agent that drives the data bus, also drives the data parity
signals. The value driven on the data parity 4 pin should provide odd
parity (odd number of 1’s) on the group of signals that includes data
parity 4 and D[32:39].
Core system reset
I
Asserting this pin will force the core to branch to its reset vector.
External Bus Grant 3
O
The PowerQUICC II asserts this pin to grant 60x data bus ownership to
an external bus master.
IRQ5
DP[5]
TBEN
EXT DBG3
Interrupt Request 5
I
This input is one of the eight external lines that can request (by means of
the internal interrupt controller) a service routine from the core.
60x Data Parity 5
I/O
The 60x agent that drives the data bus, also drives the data parity
signals. The value driven on the data parity 5 pin should provide odd
parity (odd number of 1’s) on the group of signals that includes data
parity 5 and D[40:47].
Time Base Enable
I
This is a count enable input to the Time Base counter in the core.
External Bus Grant3
O
The PowerQUICC II asserts this pin to grant 60x data bus ownership to
an external bus master.
IRQ6
DP[6]
CSE[0]
Interrupt Request 6
I
This input is one of the eight external lines that can request (by means of
the internal interrupt controller) a service routine from the core.
60x Data Parity 6
I/O
The 60x agent that drives the data bus, also drives the data parity
signals. The value driven on the data parity 6 pin should provide odd
parity (odd number of 1’s) on the group of signals that include data parity
6 and D[48:55].
Cache Set Entry 0
O
The cache set entry outputs from the core, represent the cache
replacement set element for the current core transaction reloading into,
or writing out of, the cache.
IRQ7
DP[7]
CSE[1]
Interrupt Request 7
I
This input is one of the eight external lines that can request (by means of
the internal interrupt controller) a service routine from the core.
60x Data Parity 7
I/O
The 60x master or slave that drives the data bus, also drives the data
parity signals. The value driven on the data parity 7pin should provide
odd parity (odd number of 1’s) on the group of signals that include data
parity 7 and D[56:63].
Cache Set Entry 1
O
The cache set entry outputs from the core, represent the cache
replacement set element for the current core transaction reloading into,
or writing out of, the cache.
Table 4. External Signals (Continued)
Pin
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com