Electronic Components Datasheet Search
  English  ▼

X  

PC8260 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # PC8260
Description  PowerPC-based Communications Processors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8260 Datasheet(HTML) 5 Page - ATMEL Corporation

  PC8260 Datasheet HTML 1Page - ATMEL Corporation PC8260 Datasheet HTML 2Page - ATMEL Corporation PC8260 Datasheet HTML 3Page - ATMEL Corporation PC8260 Datasheet HTML 4Page - ATMEL Corporation PC8260 Datasheet HTML 5Page - ATMEL Corporation PC8260 Datasheet HTML 6Page - ATMEL Corporation PC8260 Datasheet HTML 7Page - ATMEL Corporation PC8260 Datasheet HTML 8Page - ATMEL Corporation PC8260 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
5
PC8260 PowerQUICC II
2131B–HIREL–02/03
System Interface Unit
(SIU)
The SIU consists of the following:
•
A 60x-compatible parallel system bus configurable to 64-bit data width. The PC8260
supports 64-, 32-, 16-, and 8-bit port sizes.The PC8260 internal arbiter arbitrates
between internal components that can access the bus (system core, PCI bridge,
CPM, and one external master). This arbiter can be disabled, and an external
arbiter can be used if necessary.
•
A local (32-bit data, 32-bit internal and 18-bit external address) bus. This bus is
used to enhance the operation of the very high-speed communication controllers.
Without requiring extensive manipulation by the core, the bus can be used to store
connection tables for ATM or buffer descriptors (BDs) for the communication
channels or raw data that is transmitted between channels. The local bus is
synchronous to the 60x bus and runs at the same frequency.
•
The local bus can be configured as a 32-bit data and up to 66 MHz PCI (version 2.1)
bus. In PCI mode the bus can be programmed as a host or as an agent. The PCI
bus can be configured to run synchronously or asynchronously to the 60x bus. The
PC8260 has an internal PCI bridge with an efficient 60x-to-PCI DMA for memory
block transfers.
•
Applications that require both the local bus and PCI bus need to connect an external
PCI bridge.
•
A memory controller supporting 12 memory banks that can be allocated for either
the system or the local bus. The memory controller is an enhanced version of the
PC8260 memory controller. It supports three user-programmable machines.
Besides supporting all PC8260 features, the memory controller also supports
SDRAM with page mode and address data pipeline
•
Supports JTAG controller IEEE 1149.1 test access port (TAP).
•
A bus monitor that prevents 60x bus lock-ups, a real-time clock, a periodic interrupt
timer, and other system functions useful in embedded applications.
•
Glueless interface to L2 cache and 4-/16-K-entry CAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com