| Electronic Components Datasheet Search |
|
PC8260 Datasheet(PDF) 28 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
PC8260 Datasheet(HTML) 28 Page - ATMEL Corporation |
|
28 / 53 page ![]() 28 PC8260 PowerQUICC II 2131B–HIREL–02/03 L_A14 PCI_PAR Local Bus Address 14 O In the local address bus, bit 14 is most significant and bit 31 is least significant. PCI Parity I/O Assertion of this pin indicates that odd parity is driven across PCI_AD[0:31] and PCI_C/BE[0-3] during address and data phases. Negation of this pin indicates that even parity is driven across the PCI_AD[0-31] and PCI_C/BE[0-3] signals during address and data phases. L_A15 PCI_FRAME SMI Local Bus Address 15 O In the local address bus, bit 14 is most significant and bit 31 is least significant. PCI Frame i I/O This pin is driven by the PowerQUICC II when its interface is the initiator of a PCI transfer. This pin is asserted to indicate that a PCI transfer is on going. System Management Interrupt I System management interrupt input to the core. L-A16 PCI_TRDY Local Bus Address 16 O In the local address bus, bit 14 is most significant and bit 31 is least significant. PCI Target Ready I/O This pin is driven by the PowerQUICC II when its PCI interface is the target of a PCI transfer. Assertion of this pin indicates that the PCI target is ready to send or accept a data beat. L_A17 PCI_IRDY CKSTP_OUT Local Bus Address 17 O In the local address bus, bit 14 is most significant and bit 31 is least significant. PCI Initiator Ready I/O This pin is driven by the PowerQUICC II when its PCI interface is the initiator of a PC] transfer. Assertion of this pin indicates that the PCI initiator is ready to send or accept a data beat. Checkstop Output O Assertion of CKSTP_OUT indicates the core is in checkstop mode. L_A18 PCI_STOP Local Bus Address 18 O In the local address bus, bit 14 is most significant and bit 31 is least significant. PCI Stop I/O This pin is driven by the PowerQUICC II when its PCI interface is the target of a PCI transfer. Assertion of this pin indicates that the PCI target is requesting to stop the PCI transfer. L_A19 PCI_DEVESEL Local Bus Address 19 O In the local address bus, bit 14 is most significant and bit 31 is least significant. PCI Device Select I/O This pin is driven by the PowerQUICC II when its PCI interface is the target of a PCI transfer. Assertion of this pin indicates that a PCI target has recognized a new PCI transfer with an address that belongs to the PCI target. L_A20 PCI_IDSEL Local Bus Address 20 O In the local address bus, bit 14 is most significant and bit 31 is least significant. PCI ID select I Used to select PowerQUICC II’s PCI interface during a PCI configuration cycle. L_A21 PCI_PERR Local Bus Address 21 O In the local address bus, bit 14 is most significant and bit 31 is least significant. PCI Parity Error I/O Assertion of this pin indicates that a parity error was detected during a PCI transfer. Table 4. External Signals (Continued) Pin Signal Name Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |