Electronic Components Datasheet Search
  English  ▼

X  

PC8260 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # PC8260
Description  PowerPC-based Communications Processors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8260 Datasheet(HTML) 3 Page - ATMEL Corporation

  PC8260 Datasheet HTML 1Page - ATMEL Corporation PC8260 Datasheet HTML 2Page - ATMEL Corporation PC8260 Datasheet HTML 3Page - ATMEL Corporation PC8260 Datasheet HTML 4Page - ATMEL Corporation PC8260 Datasheet HTML 5Page - ATMEL Corporation PC8260 Datasheet HTML 6Page - ATMEL Corporation PC8260 Datasheet HTML 7Page - ATMEL Corporation PC8260 Datasheet HTML 8Page - ATMEL Corporation PC8260 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
3
PC8260 PowerQUICC II
2131B–HIREL–02/03
PC8260 Architecture
General Overview
The PC8260 has two external buses to accommodate bandwidth requirements from the
highspeed system core and the very fast communications channels. The device is com-
posed of the following three major functional blocks:
•
A 64-bit PowerPC core derived from the EC603e with MMUs and caches.
•
A system interface unit (SIU).
•
A communications processor module (CPM). Both the system core and the CPM
have an internal PLL, which allows independent optimization of the frequencies at
which they run. The system core and CPM are both connected to the 60x bus.
Figure 1. PC8260 Block Diagram
MCC
MCC
FCC
FCC
FCC
SCC
SCC
SCC
SCC
SMC
SMC
SPI
Clock Counter
Memory Controller
Bus Interface Unit
System Functions
60x-to-Local Bus Bridge
60x-to-PCI Bus Bridge
(PC8265 only)
I C
2
PCI/
Local
Bus
Time Slot Assigner
Serial Interface
8 TDMs
2 UTOPIA
3 Mlls
Non-Multiplexed I/O
60x Bus
16-Kbyte
Instruction Cache
16-Kbyte
Data Cache
IMMU
DMMU
EC603e
PowerPC
Core
Timers
Parallel I/O
Baud Rate
Generator
Interrupt
Controller
24-Kbyte Dual-
Port RAM
32-Bit RISC Communications
Processor (CP) and
Program ROM
Serial DMAs
4 Virtual
IDMAs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com