Electronic Components Datasheet Search
  English  ▼

X  

PC8260 Datasheet(PDF) 34 Page - ATMEL Corporation

Part # PC8260
Description  PowerPC-based Communications Processors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8260 Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button PC8260 Datasheet HTML 30Page - ATMEL Corporation PC8260 Datasheet HTML 31Page - ATMEL Corporation PC8260 Datasheet HTML 32Page - ATMEL Corporation PC8260 Datasheet HTML 33Page - ATMEL Corporation PC8260 Datasheet HTML 34Page - ATMEL Corporation PC8260 Datasheet HTML 35Page - ATMEL Corporation PC8260 Datasheet HTML 36Page - ATMEL Corporation PC8260 Datasheet HTML 37Page - ATMEL Corporation PC8260 Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
34
PC8260 PowerQUICC II
2131B–HIREL–02/03
The forward voltage should be effective at the current levels needed by the processor,
approximately 2-3 amps. That is, do not use diodes with only a nominal V
F which drops
too low at high current.
Recommended Operating
Conditions
Note:
The recommended and tested operating conditions. Proper device operation outside of
these conditions is not guaranteed.
This device contains circuitry to protect against damage due to high static voltage or
electrical fields. However, it is advised that normal precautions be taken to avoid appli-
cation of any voltages higher than maximum-rated voltages to this high-impedance
circuit. Operational reliability is enhanced if unused inputs are tied to an appropriate
logic voltage level (either GND or V
CC).
Notes:
1. Assumes a single layer board with no thermal bias
2. Natural convection
3. Assumes a four layer board
Table 6. Recommended Operational Voltage Conditions
Symbol
Rating
2.5V Device
Unit
V
DD
Core Supply Voltage
2.4 / 2.7
V
VCCSYN
PLL Supply Voltage
2.4 / 2.7
V
V
DDH
I/O Supply Voltage
3.15 / 3.465
V
V
IN
Input Voltage
GND -0.3 / 3.6
V
TJ
Junction Temperature
-55 / + 125
°C
Table 7. Thermal Characteristics
Symbol
Characteristics
Value
Unit
Air Flow
Θ
JA
Thermal Resistance for TBGA
13.5
(1)
°C/W
NC
(2)
Θ
JA
11.0
(1)
°C/W
1 m/s
Θ
JA
10.8
(3)
°C/W
NC
Θ
JA
8.5
(3)
°C/W
1 m/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com