Electronic Components Datasheet Search
  English  ▼

X  

PC8260 Datasheet(PDF) 48 Page - ATMEL Corporation

Part # PC8260
Description  PowerPC-based Communications Processors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8260 Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button PC8260 Datasheet HTML 44Page - ATMEL Corporation PC8260 Datasheet HTML 45Page - ATMEL Corporation PC8260 Datasheet HTML 46Page - ATMEL Corporation PC8260 Datasheet HTML 47Page - ATMEL Corporation PC8260 Datasheet HTML 48Page - ATMEL Corporation PC8260 Datasheet HTML 49Page - ATMEL Corporation PC8260 Datasheet HTML 50Page - ATMEL Corporation PC8260 Datasheet HTML 51Page - ATMEL Corporation PC8260 Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 53 page
background image
48
PC8260 PowerQUICC II
2131B–HIREL–02/03
Notes:
1. This table describes all possible clock configurations when using the hard reset configuration sequence. Note that clock
configuration changes only after POR is asserted.
2. Because of speed dependencies, not all of the possible configurations in this table may be applicable.
3. The 66 MHz configurations are required for input clock frequencies higher than 50 MHz. 33 MHz configurations are required
for input clock frequencies below 50 MHz.
4. The user should choose the input clock frequency, and the multiplication factor of the CPM so that the frequency of the CPM
will be between 50 MHz and 166 MHz for a 2V part, and between 66 MHz and 233 MHz for a 2.5V part.
0110_101
66
2.5
166
3
200
0110_110
66
2.5
166
3.5
233
0110_111
66
2.5
166
4
266
0111_000
66
2.5
166
4.5
300
0111_001
66
3
200
2
133
0111_010
66
3
200
2.5
166
0110_101
66
2.5
166
3
200
0110_110
66
2.5
166
3.5
233
0110_111
66
2.5
166
4
266
0111_000
66
2.5
166
4.5
300
0111_001
66
3
200
2
133
0111_010
66
3
200
2.5
166
0111_011
66
3
200
3
200
0111_100
66
3
200
3.5
233
0111_101
66
3
200
4
266
0111_110
66
3
200
4.5
300
0111_111
66
3.5
233
2
133
1000_000
66
3.5
233
2.5
166
1000_001
66
3.5
233
3
200
1000_010
66
3.5
233
3.5
233
1000_011
66
3.5
233
4
266
1000_100
66
3.5
233
4.5
300
Table 16. Clock Configuration Modes (Continued)
MODCK_H–
MODCK[1–3]
Input Clock
Frequency
(MHz)
CPM Multiplication
Factor
CPM
Frequency
(MHz)
Core Multiplication Factor
Core
Frequency
(MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com