Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0721 Datasheet(PDF) 3 Page - Broadcom Corporation.

Part # HCPL-0721
Description  40-ns Propagation Delay, CMOS Optocoupler
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-0721 Datasheet(HTML) 3 Page - Broadcom Corporation.

  HCPL-0721 Datasheet HTML 1Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 2Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 3Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 4Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 5Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 6Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 7Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 8Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Broadcom
AV02-0876EN
3
HCPL-0720, HCPL-7720, HCPL-0721,
and HCPL-7721 Data Sheet
40-ns Propagation Delay, CMOS Optocoupler
To order, choose a part number from the part number column and combine with the desired option from the option column
to form an order entry.
Example 1:
HCPL-7720-560E to order product of Gull Wing Surface Mount package in Tape and Reel packaging with IEC/EN/DIN EN
60747-5-5 Safety Approval and RoHS compliant.
Example 2:
HCPL-0721 to order product of Small Outline SO-8 package in Tube packaging and non RoHS compliant.
Option data sheets are available. Contact your Broadcom sales representative or authorized distributor for information.
NOTE: The notation #XXX is used for existing products, while (new) products launched since July 15, 2001 and RoHS
compliant will use -XXXE.
Package Outline Drawing
HCPL-772X 8-Pin DIP Package
1.080 ± 0.320
(0.043 ± 0.013)
2.54 ± 0.25
(0.100 ± 0.010)
0.51 (0.020) MIN.
0.65 (0.025) MAX.
4.70 (0.185) MAX.
2.92 (0.115) MIN.
5° TYP.
0.254
+ 0.076
- 0.051
(0.010
+ 0.003)
- 0.002)
7.62 ± 0.25
(0.300 ± 0.010)
6.35 ± 0.25
(0.250 ± 0.010)
9.65 ± 0.25
(0.380 ± 0.010)
1.78 (0.070) MAX.
1.19 (0.047) MAX.
DIMENSIONS IN MILLIMETERS (INCHES).
5
6
7
8
4
3
2
1
*MARKING CODE LETTER FOR OPTION NUMBERS
"L" = OPTION 020
"V" = OPTION 060
OPTION NUMBERS 300 AND 500 NOT MARKED.
NOTE: FLOATING LEAD PROTRUSION IS 0.25 mm (10 mils) MAX.
3.56 ± 0.13
(0.140 ± 0.005)
EEE
NNNN
YYWW
A
•
TEST RATING CODE
Z
P
DEVICE PART NUMBER
UL LOGO
SPECIAL PROGRAM CODE
LEAD-FREE
AVAGO
LOT ID
DATE CODE
PIN 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com