Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0721 Datasheet(PDF) 19 Page - Broadcom Corporation.

Part # HCPL-0721
Description  40-ns Propagation Delay, CMOS Optocoupler
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-0721 Datasheet(HTML) 19 Page - Broadcom Corporation.

Back Button HCPL-0721 Datasheet HTML 13Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 14Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 15Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 16Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 17Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 18Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 19Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 20Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 21Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Broadcom
AV02-0876EN
19
HCPL-0720, HCPL-7720, HCPL-0721,
and HCPL-7721 Data Sheet
40-ns Propagation Delay, CMOS Optocoupler
Implementing PROFIBUS with the HCPL-772X/072X
An acronym for Process Fieldbus, PROFIBUS is essentially a twisted-pair serial link very similar to RS-485 capable of
achieving high-speed communication up to 12 MBd. As shown in Figure 18, a PROFIBUS Controller (PBC) establishes the
connection of a field automation unit (control or central processing station) or a field device to the transmission medium. The
PBC consists of the line transceiver, optical isolation, frame character transmitter/receiver (UART), and the FDL/APP
processor with the interface to the PROFIBUS user.
Figure 18: PROFIBUS Controller (PBC)
The recommended PROFIBUS application circuit is shown in Figure 19. Since the HCPL-772X/072X are fully compatible
with CMOS logic level signals, the optocoupler is connected directly to the transceiver. Two bypass capacitors (with values
between 0.01 μF and 0.1 μF) are required and should be located as close as possible to the input and output power-supply
pins of the HCPL-772X/072X. The bypass capacitors are required because of the high-speed digital nature of the signals
inside the optocoupler.
Being very similar to multistation RS485 systems, the HCPL-061N optocoupler provides a transmit disable function which is
necessary to make the bus free after each master/slave transmission cycle. Specifically, the HCPL-061N disables the
transmitter of the line driver by putting it into a high state mode. In addition, the HCPL-061N switches the RX/TX driver IC
into the listen mode. The HCPL-061N offers HCMOS compatibility and the high CMR performance (1 kV/μs at VCM = 1000V)
essential in industrial communication interfaces.
PROFIBUS USER:
CONTROL STATION
(CENTRAL PROCESSING)
OR FIELD DEVICE
USER INTERFACE
FDL/APP
PROCESSOR
TRANSCEIVER
OPTICAL ISOLATION
UART
PBC
MEDIUM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com