Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0721 Datasheet(PDF) 12 Page - Broadcom Corporation.

Part # HCPL-0721
Description  40-ns Propagation Delay, CMOS Optocoupler
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-0721 Datasheet(HTML) 12 Page - Broadcom Corporation.

Back Button HCPL-0721 Datasheet HTML 8Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 9Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 10Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 11Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 12Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 13Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 14Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 15Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 16Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Broadcom
AV02-0876EN
12
HCPL-0720, HCPL-7720, HCPL-0721,
and HCPL-7721 Data Sheet
40-ns Propagation Delay, CMOS Optocoupler
Digital Field Bus Communication Networks
To date, despite its many drawbacks, the 4 mA to 20 mA analog current loop has been the most widely accepted standard
for implementing process control systems. In today’s manufacturing environment, however, automated systems are
expected to help manage the process, not merely monitor it. With the advent of digital field bus communication networks
such as CC-Link, DeviceNet, PROFIBUS, and Smart Distributed Systems (SDS), gone are the days of constrained
information. Controllers can now receive multiple readings from field devices (sensors, actuators, etc.) in addition to
diagnostic information.
The physical model for each of these digital field bus communication networks is very similar as shown in Figure 11. Each
includes one or more buses, an interface unit, optical isolation, transceiver, and sensing and/or actuating devices.
Figure 11: Typical Field Bus Communication Physical Model
CONTROLLER
TRANSCEIVER
OPTICAL
ISOLATION
BUS
INTERFACE
TRANSCEIVER
OPTICAL
ISOLATION
BUS
INTERFACE
TRANSCEIVER
OPTICAL
ISOLATION
BUS
INTERFACE
TRANSCEIVER
OPTICAL
ISOLATION
BUS
INTERFACE
TRANSCEIVER
OPTICAL
ISOLATION
BUS
INTERFACE
FIELD BUS
XXXXXX
YYY
SENSOR
DEVICE
CONFIGURATION
MOTOR
STARTER
MOTOR
CONTROLLER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com