Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0721 Datasheet(PDF) 5 Page - Broadcom Corporation.

Part # HCPL-0721
Description  40-ns Propagation Delay, CMOS Optocoupler
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-0721 Datasheet(HTML) 5 Page - Broadcom Corporation.

  HCPL-0721 Datasheet HTML 1Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 2Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 3Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 4Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 5Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 6Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 7Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 8Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Broadcom
AV02-0876EN
5
HCPL-0720, HCPL-7720, HCPL-0721,
and HCPL-7721 Data Sheet
40-ns Propagation Delay, CMOS Optocoupler
Reflow Soldering Profile
Recommended reflow condition as per JEDEC Standard, J-STD-020 (latest revision). Non-Halide Flux should be used.
Regulatory Information
The HCPL-772X/072X have been approved by the following organizations:
UL — Recognized under UL1577, component recognition program, File E55361.
CSA — Approval under CSA Component Acceptance Notice #5, File CA88324.
IEC/EN/DIN EN 60747-5-5
Insulation and Safety Related Specifications
All Broadcom data sheets report the creepage and clearance inherent to the optocoupler component itself. These
dimensions are needed as a starting point for the equipment designer when determining the circuit insulation requirements.
However, once mounted on a printed circuit board, minimum creepage and clearance requirements must be met as specified
for individual equipment standards. For creepage, the shortest distance path along the surface of a printed circuit board
between the solder fillets of the input and output leads must be considered. There are recommended techniques such as
grooves and ribs, which may be used on a printed circuit board to achieve desired creepage and clearances. Creepage and
clearance distances will also change depending on factors such as pollution degree and insulation level.
Parameter
Symbol
Value
Unit
Conditions
772X
072X
Minimum External Air Gap
(Clearance)
L(I01)
7.1
4.9
mm
Measured from input terminals to output terminals,
shortest distance through air.
Minimum External Tracking
(Creepage)
L(I02)
7.4
4.8
mm
Measured from input terminals to output terminals,
shortest distance path along body.
Minimum Internal Plastic Gap
(Internal Clearance)
0.08
0.08
mm
Insulation thickness between emitter and detector;
also known as distance through insulation.
Tracking Resistance
(Comparative Tracking Index)
CTI
≥175
≥175
V
DIN IEC 112/VDE 0303 Part 1.
Isolation Group
IIIa
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com