Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0721 Datasheet(PDF) 6 Page - Broadcom Corporation.

Part # HCPL-0721
Description  40-ns Propagation Delay, CMOS Optocoupler
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-0721 Datasheet(HTML) 6 Page - Broadcom Corporation.

Back Button HCPL-0721 Datasheet HTML 2Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 3Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 4Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 5Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 6Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 7Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 8Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 9Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 10Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Broadcom
AV02-0876EN
6
HCPL-0720, HCPL-7720, HCPL-0721,
and HCPL-7721 Data Sheet
40-ns Propagation Delay, CMOS Optocoupler
IEC/EN/DIN EN 60747-5-5 Insulation Characteristics (Option 060)
NOTE: These optocouplers are suitable for safe electrical isolation only within the safety limit data. Maintenance of the
safety data shall be ensured by means of protective circuits.
Absolute Maximum Ratings
Description
Symbol
Characteristic
Unit
HCPL-7720
HCPL-7721
HCPL-0720
HCPL-0721
Installation Classification per DIN VDE 0110/39, Table 1
For Rated Mains Voltage ≤ 150Vrms
For Rated Mains Voltage ≤ 300Vrms
For Rated Mains Voltage ≤ 600Vrms
I – IV
I – IV
I – IV
I – IV
I – III
I – III
Climatic Classification
55/85/21
55/85/21
Pollution Degree (DIN VDE 0110/39)
2
2
Maximum Working Insulation Voltage
VIORM
630
567
Vpeak
Input-to-Output Test Voltage, Method ba
VIORM x 1.875 = VPR, 100% Production Test with tm = 1s,
Partial Discharge < 5 pC
a. Refer to the optocoupler section of the Isolation and Control Component Designer’s Catalog, under Product Safety Regulations section IEC/
EN/DIN EN 60747-5-5, for a detailed description of Method a and Method b partial discharge test profiles.
VPR
1181
1063
Vpeak
Input-to-Output Test Voltage, Method aa
VIORM x 1.6 = VPR, Type and Sample Test, tm = 10s,
Partial Discharge < 5 pC
VPR
1008
907
Vpeak
Highest Allowable Overvoltage (Transient Overvoltage, tini = 60s)
VIOTM
8000
6000
Vpeak
Safety-Limiting Values – Maximum Values Allowed in the Event of a Failure
Case Temperature
Input Current
Output Power
TS
IS, INPUT
PS, OUTPUT
175
230
600
150
150
600
°C
mA
mW
Insulation Resistance at TS, VIO = 500V
RIO
≥109
≥109
Ω
Parameter
Symbol
Min.
Max.
Unit
Storage Temperature
TS
–55
125
°C
Ambient Operating Temperaturea
a. Absolute maximum ambient operating temperature means the device will not be damaged if operated under these conditions. It does not
guarantee functionality
TA
–40
85
°C
Supply Voltages
VDD1, VDD2
06.0
V
Input Voltage
VI
–0.5
VDD1 + 0.5
V
Output Voltage
VO
–0.5
VDD2 + 0.5
V
Average Output Current
IO
—10
mA
Lead Solder Temperature
260°C for 10 sec., 1.6 mm below seating plane.
Solder Reflow Temperature Profile
See Reflow Soldering Profile section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com