Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0721 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # HCPL-0721
Description  40-ns Propagation Delay, CMOS Optocoupler
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-0721 Datasheet(HTML) 1 Page - Broadcom Corporation.

  HCPL-0721 Datasheet HTML 1Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 2Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 3Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 4Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 5Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 6Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 7Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 8Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Data Sheet
Broadcom
AV02-0876EN
October 12, 2017
Description
Available in either an 8-pin DIP or SO-8 package style
respectively, the Broadcom® HCPL-772X or HCPL-072X
optocouplers utilize the latest CMOS IC technology to
achieve outstanding performance with very low power
consumption. The HCPL-772X/072X require only two
bypass capacitors for complete CMOS compatability.
Basic building blocks of the HCPL-772X/072X are a CMOS
LED driver IC, a high-speed LED, and a CMOS detector IC.
A CMOS logic input signal controls the LED driver IC, which
supplies current to the LED. The detector IC incorporates an
integrated photodiode, a high-speed transimpedance
amplifier, and a voltage comparator with an output driver.
CAUTION! It is advised that normal static precautions be
taken in handling and assembly of this
component to prevent damage and/or
degradation which may be induced by ESD.
The components featured in this data sheet are
not to be used in military or aerospace
applications or environments.
Features
+5V CMOS compatibility
20-ns max propagation delay skew
High speed: 25 MBd
40-ns max propagation delay
10-kV/μs minimum common mode rejection
–40 to +85°C temperature range
Safety and regulatory approvals:
– UL recognized
3750 Vrms for 1 min. per UL 1577
5000 Vrms for 1 min. per UL 1577 (for HCPL-772X
option 020)
– CSA component acceptance notice #5
– IEC/EN/DIN EN 60747-5-5
VIORM = 630 Vpeak for HCPL-772X option 060
VIORM = 567 Vpeak for HCPL-072X option 060
Applications
Digital fieldbus isolation: CC-Link, DeviceNet,
PROFIBUS, SDS
AC plasma display panel level shifting
Multiplexed data transmission
Computer peripheral interface
Microprocessor system interface
HCPL-0720, HCPL-7720, HCPL-0721,
and HCPL-7721
40-ns Propagation Delay, CMOS Optocoupler


Similar Part No. - HCPL-0721

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-0721 HP-HCPL-0721 Datasheet
305Kb / 18P
40 ns Propagation Delay CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0721 AVAGO-HCPL-0721 Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
HCPL-0721-000E AVAGO-HCPL-0721-000E Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
HCPL-0721-060E AVAGO-HCPL-0721-060E Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
HCPL-0721-500E AVAGO-HCPL-0721-500E Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
More results

Similar Description - HCPL-0721

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7720 HP-HCPL-7720 Datasheet
305Kb / 18P
40 ns Propagation Delay CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7720 AVAGO-HCPL-7720 Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
HCPL-7710 AVAGO-HCPL-7710 Datasheet
332Kb / 17P
40 ns Propagation Delay, CMOS Optocoupler 8 ns maximum pulse width distortion
HCPL-0720 AVAGO-HCPL-0720 Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
HCPL-7721-000E AVAGO-HCPL-7721-000E Datasheet
306Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
HCPL-7721-520 AVAGO-HCPL-7721-520 Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
HCPL-0720-500E AVAGO-HCPL-0720-500E Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
HCPL-7710-000E AVAGO-HCPL-7710-000E Datasheet
305Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7710 HP-HCPL-7710 Datasheet
454Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P343 AVAGO-ACPL-P343 Datasheet
283Kb / 20P
200 ns maximum propagation delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com