Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0721 Datasheet(PDF) 7 Page - Broadcom Corporation.

Part # HCPL-0721
Description  40-ns Propagation Delay, CMOS Optocoupler
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-0721 Datasheet(HTML) 7 Page - Broadcom Corporation.

Back Button HCPL-0721 Datasheet HTML 3Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 4Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 5Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 6Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 7Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 8Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 9Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 10Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 11Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Broadcom
AV02-0876EN
7
HCPL-0720, HCPL-7720, HCPL-0721,
and HCPL-7721 Data Sheet
40-ns Propagation Delay, CMOS Optocoupler
Recommended Operating Conditions
Electrical Specifications (DC)
Test conditions that are not specified can be anywhere within the recommended operating range.
All typical specifications are at TA = +25°C, VDD1 = VDD2 = +5V.
Switching Specifications (AC)
Parameter
Symbol
Min.
Max.
Unit
Figure
Ambient Operating Temperature
TA
–40
85
°C
Supply Voltages
VDD1, VDD2
4.5
5.5
V
Logic High Input Voltage
VIH
2.0
VDD1
V
1, 2
Logic Low Input Voltage
VIL
0.0
0.8
V
Input Signal Rise and Fall Times
tir, tif
—1.0
ms
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Fig
Note
Logic Low Input Supply Current
IDD1L
—
6.0
10.0
mA
VI = 0V
a
a. The LED is ON when VI is low and OFF when VI is high.
Logic High Input Supply Current
IDD1H
—
1.5
3.0
mA
VI = VDD1
a
Output Supply Current
IDD2L
—
7.7
9.0
mA
IDD2H
—
5.8
9.0
mA
Input Current
II
–10
—
10
μA
Logic High Output Voltage
VOH
4.4
5.0
—
V
IO = –20 μA, VI = VIH
1, 2
4.0
4.8
—
V
IO = –4 mA, VI = VIH
Logic Low Output Voltage
VOL
—
0
0.1
V
IO = 20 μA, VI = VIL
—
—
0.1
V
IO = 400 μA, VI = VIL
—
0.5
1.0
V
IO = 4 mA, VI = VIL
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Fig.
Note
Propagation Delay Time to Logic
Low Output
tPHL
—20
40
ns
CL= 15 pF
CMOS Signal Levels
3, 6
a
Propagation Delay Time to Logic
High Output
tPLH
—19
40
ns
Pulse Width
PW
40
—
—
ns
Data Rate
—
—
25
MBd
Pulse Width Distortion |tPHL - tPLH|
PWD
7721/0721
3
6
ns
7
b
7720/0720
3
8
ns
Propagation Delay Skew
tPSK
——
20
c
Output Rise Time (10% to 90%)
tR
—9
ns
Output Fall Time (90% to 10%)
tF
—8
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com