Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0721 Datasheet(PDF) 17 Page - Broadcom Corporation.

Part # HCPL-0721
Description  40-ns Propagation Delay, CMOS Optocoupler
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-0721 Datasheet(HTML) 17 Page - Broadcom Corporation.

Back Button HCPL-0721 Datasheet HTML 13Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 14Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 15Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 16Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 17Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 18Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 19Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 20Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 21Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Broadcom
AV02-0876EN
17
HCPL-0720, HCPL-7720, HCPL-0721,
and HCPL-7721 Data Sheet
40-ns Propagation Delay, CMOS Optocoupler
Isolated Node Providing Power to the Network
Figure 16 shows a node providing power to the network. The AC line powers a regulator which provides 5V locally. The AC
line also powers a 24V isolated supply, which powers the network, and another 5V regulator, which, in turn, powers the
transceiver and isolated (network) side of the two optocouplers. This method is recommended when there is a limited
number of devices on the network, which do not require much power, thus eliminating the need for separate power supplies.
More importantly, the unique dual-inverting design of the HCPL-772X/072X ensure the network will not lock- up if either AC
line power to the node is lost or the node powered-off. Specifically, when input power (VDD1) to the HCPL-772X/072X located
in the transmit path is eliminated, a RECESSIVE bus state is ensured as the HCPL-772X/ 072X output voltage (VO) go HIGH.
Figure 16: Isolated Node Providing Power to the Network
The recommended DeviceNet application circuit is shown in Figure 17. Since the HCPL-772X/072X are fully compatible with
CMOS logic level signals, the optocoupler is connected directly to the CAN transceiver. Two bypass capacitors (with values
between 0.01 µF and 0.1 µF) are required and should be located as close as possible to the input and output power-supply
pins of the HCPL-772X/072X. The bypass capacitors are required because of the high-speed digital nature of the signals
inside the optocoupler.
NODE/APP SPECIFIC
μP/CAN
HCPL
772x/072x
HCPL
772x/072x
TRANSCEIVER
5 V REG.
V+ (SIGNAL)
V– (SIGNAL)
V+ (POWER)
V– (POWER)
GALVANIC
ISOLATION
BOUNDARY
AC LINE
DRAIN/SHIELD
SIGNAL
POWER
ISOLATED
SWITCHING
POWER
SUPPLY
5 V REG.
DeviceNet Node



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com