Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0721 Datasheet(PDF) 13 Page - Broadcom Corporation.

Part # HCPL-0721
Description  40-ns Propagation Delay, CMOS Optocoupler
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-0721 Datasheet(HTML) 13 Page - Broadcom Corporation.

Back Button HCPL-0721 Datasheet HTML 9Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 10Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 11Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 12Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 13Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 14Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 15Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 16Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 17Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Broadcom
AV02-0876EN
13
HCPL-0720, HCPL-7720, HCPL-0721,
and HCPL-7721 Data Sheet
40-ns Propagation Delay, CMOS Optocoupler
Optical Isolation for Field Bus Networks
To recognize the full benefits of these networks, Broadcom optocouplers are recommended to provide galvanic isolation. As
network communication is bidirectional (involving receiving data from and transmitting data onto the network), two Broadcom
optocouplers are needed. By providing galvanic isolation, data integrity is retained via noise reduction and the elimination of
false signals. In addition, the network receives maximum protection from power system faults and ground loops.
Within an isolated node, such as the DeviceNet Node shown in Figure 12, some of the node's components are referenced
to a ground other than V– of the network.
These components could include such things as devices with serial ports, parallel ports, RS-232 and RS-485 type ports. As
shown in Figure 12, power from the network is used only for the transceiver and input (network) side of the optocouplers.
Isolation of nodes connected to any of the three types of digital field bus networks is best achieved by using the HCPL-772X/
072X optocouplers. For each network, the HCPL-772X/072X satisify the critical propagation delay and pulse width distortion
requirements over the temperature range of 0°C to +85°C, and power supply voltage range of 4.5V to 5.5V.
Figure 12: Typical DeviceNet Node
NODE/APP SPECIFIC
μP/CAN
HCPL
772x/072x
HCPL
772x/072x
TRANSCEIVER
LOCAL
NODE
SUPPLY
5 V REG.
NETWORK
POWER
SUPPLY
V+ (SIGNAL)
V– (SIGNAL)
V+ (POWER)
V– (POWER)
GALVANIC
ISOLATION
BOUNDARY
AC LINE
DRAIN/SHIELD
SIGNAL
POWER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com