Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0721 Datasheet(PDF) 20 Page - Broadcom Corporation.

Part # HCPL-0721
Description  40-ns Propagation Delay, CMOS Optocoupler
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-0721 Datasheet(HTML) 20 Page - Broadcom Corporation.

Back Button HCPL-0721 Datasheet HTML 13Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 14Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 15Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 16Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 17Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 18Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 19Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 20Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 21Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Broadcom
AV02-0876EN
20
HCPL-0720, HCPL-7720, HCPL-0721,
and HCPL-7721 Data Sheet
40-ns Propagation Delay, CMOS Optocoupler
Figure 19: Recommended PROFIBUS Application Circuit
1
2
3
8
6
4
7
5
VDD2
VO
GND2
VDD1
VIN
GND1
HCPL-772x
HCPL-072x
8
7
6
1
3
5
2
4
VDD1
VIN
GND1
VDD2
VO
GND2
HCPL-772x
HCPL-072x
5 V
0.01
μF
0.01
μF
0.01
μF
0.01
μF
R
A
SN75176B
VCC
GND
DE
B
0.01
μF
ISO 5 V
1 M
0.01
μF
+
–
GALVANIC
ISOLATION
BOUNDARY
5 V
ISO 5 V
RE
D
1
4
3
2
Rx
ISO 5 V
Tx
8
7
6
1
3
5
2
4
ANODE
VCC
VO
GND
5 V
0.01
μF
ISO 5 V
Tx ENABLE
CATHODE
VE
680
Ω
HCPL-061N
1, 0 k
Ω
5
7
6
8
RT
SHIELD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com