Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0721 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # HCPL-0721
Description  40-ns Propagation Delay, CMOS Optocoupler
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-0721 Datasheet(HTML) 2 Page - Broadcom Corporation.

  HCPL-0721 Datasheet HTML 1Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 2Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 3Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 4Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 5Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 6Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 7Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 8Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Broadcom
AV02-0876EN
2
HCPL-0720, HCPL-7720, HCPL-0721,
and HCPL-7721 Data Sheet
40-ns Propagation Delay, CMOS Optocoupler
Functional Diagram
* Pin 3 is the anode of the internal LED and must be left
unconnected for guaranteed data sheet performance.
Pin 7 is not connected internally.
** A 0.01-μF to 0.1-μF bypass capacitor must be connected as
close as possible between pins 1 and 4, and 5 and 8.
Truth Table
8
7
6
1
3
SHIELD
5
2
4
**VDD1
VI
*
GND1
VDD2**
VO
GND2
NC*
IO
LED1
VI Input
LED1
VO Output
HOFF
H
LONL
Selection Guide
Ordering Information
HCPL-0720, HCPL-0721, HCPL-7720, and HCPL-7721 are UL Recognized with 3750 Vrms for 1 minute per UL1577.
8-Pin DIP (300 Mil)
Small Outline SO-8
Data Rate
PWD
HCPL-7721
HCPL-0721
25 MB
6 ns
HCPL-7720
HCPL-0720
25 MB
8 ns
Part Number
Option
Package
Surface
Mount
Gull
Wing
Tape &
Reel
UL 5000 Vrms/
1 Minute rating
IEC/EN/DIN
EN 60747-5-5
Quantity
RoHS
Compliant
Non RoHS
Compliant
HCPL-7720
HCPL-7721
-000E
no option
300 mil
DIP-8
50 per tube
-300E
#300
X
X
50 per tube
-500E
#500
X
X
X
1000 per reel
-020E
-020
X
50 per tube
-320E
-320
X
X
X
50 per tube
-520E
-520
X
X
X
X
1000 per reel
-060E
#060
X
50 per tube
-360E
#360
X
X
X
50 per tube
-560E
#560
X
X
X
X
1000 per reel
HCPL-0720
HCPL-0721
-000E
no option
SO-8
X
X
100 per tube
-500E
#500
X
X
X
1500 per reel
-060E
#060
X
X
X
100 per tube
-560E
#560
X
X
X
X
1500 per reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com