Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0721 Datasheet(PDF) 10 Page - Broadcom Corporation.

Part # HCPL-0721
Description  40-ns Propagation Delay, CMOS Optocoupler
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-0721 Datasheet(HTML) 10 Page - Broadcom Corporation.

Back Button HCPL-0721 Datasheet HTML 6Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 7Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 8Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 9Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 10Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 11Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 12Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 13Page - Broadcom Corporation. HCPL-0721 Datasheet HTML 14Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Broadcom
AV02-0876EN
10
HCPL-0720, HCPL-7720, HCPL-0721,
and HCPL-7721 Data Sheet
40-ns Propagation Delay, CMOS Optocoupler
Figure 7: Typical Propagation Delays vs. Output Load
Capacitance
Figure 8: Typical Pulse Width Distortion vs. Output Load
Capacitance
15
15
CI (pF)
50
27
40
29
17
30
23
21
25
20
35
45
19
25
TPLH
TPHL
15
0
CI (pF)
50
5
40
6
1
30
3
25
20
35
45
2
4
Figure 9: Thermal Derating Curve, Dependence of Safety Limiting Value with Case Temperature per IEC/EN/DIN EN 60747-5-5
0
0
TA – CASE TEMPERATURE – °C
200
50
400
125
25
75 100
150
600
800
200
100
300
500
700
175
(230)
PS (mW)
IS (mA)
STANDARD 8 PIN DIP PRODUCT
0
0
TA – CASE TEMPERATURE – °C
200
50
400
125
25
75 100
150
600
800
200
100
300
500
700
175
(150)
PS (mW)
IS (mA)
SURFACE MOUNT SO8 PRODUCT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com