Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 151 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 151 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 147Page - SMSC Corporation LPC47M192 Datasheet HTML 148Page - SMSC Corporation LPC47M192 Datasheet HTML 149Page - SMSC Corporation LPC47M192 Datasheet HTML 150Page - SMSC Corporation LPC47M192 Datasheet HTML 151Page - SMSC Corporation LPC47M192 Datasheet HTML 152Page - SMSC Corporation LPC47M192 Datasheet HTML 153Page - SMSC Corporation LPC47M192 Datasheet HTML 154Page - SMSC Corporation LPC47M192 Datasheet HTML 155Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 228 page
background image
SMSC DS – LPC47M192
Page 151
Rev. 03/30/05
DATASHEET
NAME
REG OFFSET
(hex)
DESCRIPTION
Force Disk Change
Default = 0x03 on
VCC
POR,
PCI
Reset and VTR POR
1E
(R/W)
Force Disk Change
Bit[0] Force Disk Change for FDC0
0=Inactive
1=Active
Bit[1] Force Disk Change for FDC1
0=Inactive
1=Active
Force Change 0 and 1 can be written to 1 but are not
clearable by software.
Force Change 0 is cleared on nSTEP and nDS0
Force Change 1 is cleared on nSTEP and nDS1
DSKCHG (FDC DIR Register, Bit 7) = (nDS0 AND Force
Change 0) OR (nDS1 AND Force Change 1) OR
nDSKCHG
Setting either of the Force Disk Change bits active ‘1’
forces the FDD nDSKCHG input active when the
appropriate drive has been selected.
Bit[7:2] Reserved
Floppy Data Rate
Select Shadow
1F
(R)
Floppy Data Rate Select Shadow
Bit[0] Data Rate Select 0
Bit[1] Data Rate Select 1
Bit[2] PRECOMP 0
Bit[3] PRECOMP 1
Bit[4] PRECOMP 2
Bit[5] Reserved
Bit[6] Power Down
Bit[7] Soft Reset
UART1
FIFO
Control Shadow
20
(R)
UART FIFO Control Shadow 1
Bit[0] FIFO Enable
Bit[1] RCVR FIFO Reset
Bit[2] XMIT FIFO Reset
Bit[3] DMA Mode Select
Bit[5:4] Reserved
Bit[6] RCVR Trigger (LSB)
Bit[7] RCVR Trigger (MSB)
UART2 FIFO Control
Shadow
21
(R)
UART FIFO Control Shadow 2
Bit[0] FIFO Enable
Bit[1] RCVR FIFO Reset
Bit[2] XMIT FIFO Reset
Bit[3] DMA Mode Select
Bit[5:4] Reserved
Bit[6] RCVR Trigger (LSB)
Bit[7] RCVR Trigger (MSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com