Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 147 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 147 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 143Page - SMSC Corporation LPC47M192 Datasheet HTML 144Page - SMSC Corporation LPC47M192 Datasheet HTML 145Page - SMSC Corporation LPC47M192 Datasheet HTML 146Page - SMSC Corporation LPC47M192 Datasheet HTML 147Page - SMSC Corporation LPC47M192 Datasheet HTML 148Page - SMSC Corporation LPC47M192 Datasheet HTML 149Page - SMSC Corporation LPC47M192 Datasheet HTML 150Page - SMSC Corporation LPC47M192 Datasheet HTML 151Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 228 page
background image
SMSC DS – LPC47M192
Page 147
Rev. 03/30/05
DATASHEET
NAME
REG OFFSET
(hex)
DESCRIPTION
PME_EN5
Default = 0x00
on VTR POR
0E
(R/W)
PME Wake Enable Register 5
This register is used to enable individual LPC47M192
PME wake sources onto the nIO_PME wake bus.
When the PME Wake Enable register bit for a wake
source is active (“1”), if the source asserts a wake event
so that the associated status bit is “1” and the PME_En
bit is “1”, the source will assert the nIO_PME signal.
When the PME Wake Enable register bit for a wake
source is inactive (“0”), the PME Wake Status register
will indicate the state of the wake source but will not
assert the nIO_PME signal.
Bit[0] GP50
Bit[1] GP51
Bit[2] GP52
Bit[3] GP53
Bit[4] GP54
Bit[5] GP55
Bit[6] GP56
Bit[7] GP57
The PME Wake Enable register is not affected by Vcc
POR, SOFT RESET or PCI RESET.
N/A
0F
(R)
Bits[7:0] Reserved – reads return 0
SMI_STS1
Default = 0x02
on VTR POR
Bit 1 is set to ‘1’ on
VCC POR,
VTR POR,
PCI RESET and
SOFT RESET
10
(R/W)
SMI Status Register 1
This register is used to read the status of the SMI inputs.
The following bits must be cleared at their source.
Bit[0] Reserved
Bit[1] PINT. The parallel port interrupt defaults to ‘1’ when
the parallel port activate bit is cleared. When the parallel
port is activated, PINT follows the nACK input.
Bit[2] U2INT
Bit[3] U1INT
Bit[4] FINT
Bit[5] MPU-401 INT
Bit[6] Reserved
Bit[7] Reserved (Note 7)
SMI_STS2
Default = 0x00
on VTR POR
11
(R/W)
SMI Status Register 2
This register is used to read the status of the SMI inputs.
Bit[0] MINT. Cleared at source.
Bit[1] KINT. Cleared at source.
Bit[2] IRINT. This bit is set by a transition on the IR pin
(IRRX or IRRX2 as selected in CR L5-F1-B6 i.e., after the
MUX). Cleared by a read of this register.
Bit[3] Reserved
Bit[4] P12. Status bit is cleared by a write of ‘1’. The SMI
event is cleared at source.
Bit[7:5] Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com