Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 146 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 146 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 142Page - SMSC Corporation LPC47M192 Datasheet HTML 143Page - SMSC Corporation LPC47M192 Datasheet HTML 144Page - SMSC Corporation LPC47M192 Datasheet HTML 145Page - SMSC Corporation LPC47M192 Datasheet HTML 146Page - SMSC Corporation LPC47M192 Datasheet HTML 147Page - SMSC Corporation LPC47M192 Datasheet HTML 148Page - SMSC Corporation LPC47M192 Datasheet HTML 149Page - SMSC Corporation LPC47M192 Datasheet HTML 150Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 228 page
background image
SMSC DS – LPC47M192
Page 146
Rev. 03/30/05
DATASHEET
NAME
REG OFFSET
(hex)
DESCRIPTION
PME_EN3
Default = 0x00
on VTR POR
0C
(R/W)
PME Wake Status Register 3
This register is used to enable individual LPC47M192
PME wake sources onto the nIO_PME wake bus.
When the PME Wake Enable register bit for a wake
source is active (“1”), if the source asserts a wake event
so that the associated status bit is “1” and the PME_En
bit is “1”, the source will assert the nIO_PME signal.
When the PME Wake Enable register bit for a wake
source is inactive (“0”), the PME Wake Status register
will indicate the state of the wake source but will not
assert the nIO_PME signal.
Bit[0] GP20
Bit[1] GP21
Bit[2] GP22
Bit[3] DEVINT_EN (Enable bit for group SMI signal for
PME)
Bit[4] GP24
Bit[5] GP25
Bit[6] GP26
Bit[7] GP27
The PME Wake Enable register is not affected by Vcc
POR, SOFT RESET or PCI RESET.
PME_EN4
Default = 0x00
on VTR POR
0D
(R/W)
PME Wake Enable Register 4
This register is used to enable individual LPC47M192
PME wake sources onto the nIO_PME wake bus.
When the PME Wake Enable register bit for a wake
source is active (“1”), if the source asserts a wake event
so that the associated status bit is “1” and the PME_En
bit is “1”, the source will assert the nIO_PME signal.
When the PME Wake Enable register bit for a wake
source is inactive (“0”), the PME Wake Status register
will indicate the state of the wake source but will not
assert the nIO_PME signal.
Bit[0] GP30
Bit[1] GP31
Bit[2] GP32
Bit[3] GP33
Bit[4] GP41
Bit[5] GP43
Bit[6] GP60
Bit[7] GP61
The PME Wake Enable register is not affected by Vcc
POR, SOFT RESET or PCI RESET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com