Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 198 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 198 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 194Page - SMSC Corporation LPC47M192 Datasheet HTML 195Page - SMSC Corporation LPC47M192 Datasheet HTML 196Page - SMSC Corporation LPC47M192 Datasheet HTML 197Page - SMSC Corporation LPC47M192 Datasheet HTML 198Page - SMSC Corporation LPC47M192 Datasheet HTML 199Page - SMSC Corporation LPC47M192 Datasheet HTML 200Page - SMSC Corporation LPC47M192 Datasheet HTML 201Page - SMSC Corporation LPC47M192 Datasheet HTML 202Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 228 page
background image
SMSC DS – LPC47M192
Page 198
Rev. 03/30/05
DATASHEET
t3
Vc c
Al l H o s t
A cce s s e s
t2
t1
FIGURE 12 - POWER-UP TIMING
NAME
DESCRIPTION
MIN
TYP
MAX
UNITS
t1
Vcc Slew from 2.7V to 0V
300
us
t2
Vcc Slew from 0V to 2.7V
100
us
t3
All Host Accesses After Powerup (Note 1)
125
500
us
Note 1
: Internal write-protection period after Vcc passes 2.7 volts on power-up
t1
t2
t2
CLOCKI
FIGURE 13 - INPUT CLOCK TIMING
NAME
DESCRIPTION
MIN
TYP
MAX
UNITS
t1
Clock Cycle Time for 14.318MHZ
69.84
ns
t2
Clock High Time/Low Time for 14.318MHz
20
35
ns
t1
Clock Cycle Time for 32KHZ
31.25
µs
t2
Clock High Time/Low Time for 32KHz
15.63
µs
Clock Rise Time/Fall Time (not shown)
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com