Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 196 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 196 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 192Page - SMSC Corporation LPC47M192 Datasheet HTML 193Page - SMSC Corporation LPC47M192 Datasheet HTML 194Page - SMSC Corporation LPC47M192 Datasheet HTML 195Page - SMSC Corporation LPC47M192 Datasheet HTML 196Page - SMSC Corporation LPC47M192 Datasheet HTML 197Page - SMSC Corporation LPC47M192 Datasheet HTML 198Page - SMSC Corporation LPC47M192 Datasheet HTML 199Page - SMSC Corporation LPC47M192 Datasheet HTML 200Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 228 page
background image
SMSC DS – LPC47M192
Page 196
Rev. 03/30/05
DATASHEET
HARDWARE MONITORING BLOCK
(TA = 0
oC – 70oC, HVCC = +3.3 ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
Temperature-to-Digital
Converter Characteristics
Internal Temperature Accuracy
External
Diode
Sensor
Accuracy
Remote Source Current
High Level
Low Level
-3
-2
-5
-3
±1
±1
90
5.5
+3
+2
+5
+3
130
7.5
oC
oC
oC
oC
oC
oC
µA
µA
0
0C <= TA <= 700C
40
0C <= TA <= 700C
Resolution
-40
0C <= TS <= 1250C
40
0C <= TS <= 1000C
Resolution
IANG Type Buffer – Analog
Inputs
(Dx+,
Dx-,
+2.5V_IN,
+3.3V_IN, +5V_IN, +12V_IN)
Refer to “Appendix A – Thermal Diode Parameters” and “Appendix B – ADC
Voltage Conversion”.
VCC Supply Current Active
See “Supply Current” subsection in “Hardware Monitoring Block Specifications”
section above.
Notes
:
Voltages are measured from the local ground potential, unless otherwise specified.
Typicals are at TA=25°C and represent most likely parametric norm.
The maximum allowable power dissipation at any temperature is PD = (TJmax - TA) / QJA.
Timing specifications are tested at the TTL logic levels, VIL=0.4V for a falling edge and VIH=2.4V for a rising
edge. TRI-STATE output voltage is forced to 1.4V.
Note 1:
All leakage currents are measured with all pins in high impedance.
Note 2:
The minimum value given for VTR applies when VCC is active. When VCC is 0V, the minimum VTR is 0V.
Note 3:
Max ITRI with VCC = 3.3V (nominal) is 5mA
Max ITRI with VCC = 0V (nomial) is 250uA
Note 4:
TUE (Total Unadjusted Error) includes Offset, Gain and Linearity errors of the ADC.
Note 5:
Total Monitoring Cycle Time includes all temperature conversions, all analog input voltage conversions.
Note 6:
The cycle time for option 1 is 542.336ms (typical) if 128 measurements are averaged for the remote diode
temperature reading and 8 measurements are averaged for all voltage and the internal temperature reading. It is
67.792ms (typical) for option 2 if 16 measurements are averaged for the remote diode temperature reading and a
single measurement is taken for all voltage and the internal temperature reading (i.e., no averaging).
Note 7:
VOH min and IOH does not apply to the RESET# and THERM# open-drain functions.
11.3.1 CAPACITANCE VALUES FOR PINS
The input and output capacitance applies to both the Super I/O Block and the Hardware Monitoring Block digital pins.
CAPACITANCE TA = 25
oC; fc = 1MHz; VCC = 3.3V ±10%
LIMITS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITION
Clock Input Capacitance
CIN
20
pF
Input Capacitance
CIN
10
pF
Output Capacitance
COUT
20
pF
All pins except pin
under test tied to AC
ground
Note:
The input capacitance of a port is measured at the connector pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com