Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 193 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 193 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 189Page - SMSC Corporation LPC47M192 Datasheet HTML 190Page - SMSC Corporation LPC47M192 Datasheet HTML 191Page - SMSC Corporation LPC47M192 Datasheet HTML 192Page - SMSC Corporation LPC47M192 Datasheet HTML 193Page - SMSC Corporation LPC47M192 Datasheet HTML 194Page - SMSC Corporation LPC47M192 Datasheet HTML 195Page - SMSC Corporation LPC47M192 Datasheet HTML 196Page - SMSC Corporation LPC47M192 Datasheet HTML 197Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 228 page
background image
SMSC DS – LPC47M192
Page 193
Rev. 03/30/05
DATASHEET
SUPER I/O BLOCK
(TA = 0
oC – 70oC, Vcc = +3.3 V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
Leakage Current (ALL)
Input High Current
Input Low Current
ILEAKIH
ILEAKIL
10
-10
µA
µA
(Note 1)
VIN = VCC
VIN = 0V
Backdrive
Protect/ChiProtect
(All
signal
pins
excluding
LAD[3:0], LDRQ#, LPCPD#,
LFRAME#)
Input High Current
Input Low Current
ILEAKIH
ILEAKIL
10
-10
µA
µA
VCC = 0V
VIN = 5.5V Max
VIN = 0V
5V Tolerant Pins
(All
signal
pins
excluding
LAD[3:0], LDRQ#, LPCPD#,
LFRAME#)
Inputs and Outputs in High
Impedance State
Input High Current
Input Low Current
ILEAKIH
ILEAKIL
10
-10
µA
µA
VCC = 0V
VIN = 5.5V Max
VIN = 0V
LPC Bus Pins
(LAD[3:0], LDRQ#, LPCPD#,
LFRAME#)
Input High Current
Input Low Current
ILEAKIH
ILEAKIL
10
-10
µA
µA
VCC = 0V and
VCC = 3.3V
VIN = 3.6V Max
VIN = 0V
VCC Supply Current Active
ICC
15
(Note 2)
mA
All outputs open, all inputs
transitioning from/to 0V
to/from 3.3V.
Trickle Supply Voltage
VTR
VCC min
-.5V
(Note 2)
VCC max
V
VCC must not be greater
than .5V above VTR
VTR Supply Current Active
ITR
0.25
(Note 3)
5
(Note 3)
mA
All
outputs,
all
inputs
transitioning from/to 0V
to/from 3.3V.
Reference Voltage
VREF
5.5
V
VREF can be either 3.3V
(nominal) or 5V (nominal)
VREF Supply Current Active
IREF
1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com