Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 191 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 191 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 187Page - SMSC Corporation LPC47M192 Datasheet HTML 188Page - SMSC Corporation LPC47M192 Datasheet HTML 189Page - SMSC Corporation LPC47M192 Datasheet HTML 190Page - SMSC Corporation LPC47M192 Datasheet HTML 191Page - SMSC Corporation LPC47M192 Datasheet HTML 192Page - SMSC Corporation LPC47M192 Datasheet HTML 193Page - SMSC Corporation LPC47M192 Datasheet HTML 194Page - SMSC Corporation LPC47M192 Datasheet HTML 195Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 228 page
background image
SMSC DS – LPC47M192
Page 191
Rev. 03/30/05
DATASHEET
11.3 DC Electrical Characteristics
SUPER I/O BLOCK
(TA = 0
oC – 70oC, Vcc = +3.3 V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
I Type Input Buffer
Low Input Level
High Input Level
VILI
VIHI
2.0
0.8
5.5
V
V
TTL Levels
IS Type Input Buffer
Low Input Level
High Input Level
Schmitt Trigger Hysteresis
VILIS
VIHIS
VHYS
2.2
100
0.8
5.5
V
V
mV
Schmitt Trigger
Schmitt Trigger
O6 Type Buffer
Low Output Level
High Output Level
VOL
VOH
2.4
0.4
V
V
IOL = 6mA
IOH = -3mA
O8 Type Buffer
Low Output Level
High Output Level
VOL
VOH
2.4
0.4
V
V
IOL = 8mA
IOH = -4mA
OD8 Type Buffer
Low Output Level
High Output Level
VOL
VOH
0.4
Vcc+0.3
V
V
IOL = 8mA
Open Drain; Vcc=3.3V
O12 Type Buffer
Low Output Level
High Output Level
VOL
VOH
2.4
0.4
V
V
IOL = 12mA
IOH = -6mA
OD12 Type Buffer
Low Output Level
High Output Level
VOL
VOH
0.4
Vcc+0.3
V
V
IOL = 12mA
Open Drain; Vcc=3.3V
OD14 Type Buffer
Low Output Level
High Output Level
VOL
VOH
0.4
Vcc+0.3
V
V
IOL = 14mA
Open Drain; Vcc=3.3V
OP14 Type Buffer
Low Output Level
High Output Level
VOL
VOH
2.4
0.4
V
V
IOL = 14mA
IOH = -14mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com