Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 190 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 190 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 186Page - SMSC Corporation LPC47M192 Datasheet HTML 187Page - SMSC Corporation LPC47M192 Datasheet HTML 188Page - SMSC Corporation LPC47M192 Datasheet HTML 189Page - SMSC Corporation LPC47M192 Datasheet HTML 190Page - SMSC Corporation LPC47M192 Datasheet HTML 191Page - SMSC Corporation LPC47M192 Datasheet HTML 192Page - SMSC Corporation LPC47M192 Datasheet HTML 193Page - SMSC Corporation LPC47M192 Datasheet HTML 194Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 228 page
background image
SMSC DS – LPC47M192
Page 190
Rev. 03/30/05
DATASHEET
11 OPERATIONAL DESCRIPTION
11.1 Maximum Guaranteed Ratings
Operating Temperature Range ................................................................................................................... 0
oC to +70oC
Storage Temperature Range ................................................................................................................... -55
o to +150oC
Lead Temperature Range ......................................................................................... Refer to JEDEC Spec. J-STD-020
Note
: Stresses above those listed above and below could cause permanent damage to the device. This is a stress
rating only and functional operation of the device at any other condition above those indicated in the operation sections
of this specification is not implied. When powering this device from laboratory or system power supplies, it is important
that the Absolute Maximum Ratings not be exceeded or device failure can result. Some power supplies exhibit voltage
spikes on their outputs when the AC power is switched on or off. In addition, voltage transients on the AC power line
may appear on the DC output. If this possibility exists, it is suggested that a clamp circuit be used.
11.1.1 SUPER I/O SECTION (PINS 1 TO 100)
Maximum Vcc.......................................................................................................................................................... +5.5V
Positive Voltage on any pin, with respect to Ground ..........................................................................................Vcc+0.3V
Negative Voltage on any pin, with respect to Ground ............................................................................................. -0.3V
11.1.2 HARDWARE MONITORING BLOCK (PINS 101 TO 128)
Positive Supply Voltage (V+)
+5.5 V (max)
Voltage on Any Input or Output Pin
-0.3V to (HVcc+0.3V) (Except analog inputs)
Voltage on the Voltage Channels
-0.3V to (Channel Voltage + 10%)
11.2 Hardware Monitoring Block Specifications
11.2.1 KEY SPECIFICATIONS
Supply Voltage
HVcc-10%
<HVcc
<
HVcc+10%
Voltage monitoring accuracy
±2% (max)
Temperature Accuracy
See DC Characteristics
ADC Resolution
8 Bits
11.2.2 SUPPLY CURRENT
Monitoring Mode
1.2 mA (typical)
2 mA (max)
Sleep Mode
200 µA (typical)
500 µA (max)
Shutdown Mode
1 µA (typical)
3 µA (max)
11.2.3 OPERATING TEMPERATURE
Operating Temperature Range
0 °C <= TA <= +70 °C
11.2.4 OPERATING VOLTAGE RATINGS
3.3 Volt Supply
Supply Voltage (V+)
+3 V to +3.6 V
VIN Voltage Range (Digital pins)
-0.05 V to 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com