Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 194 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 194 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 190Page - SMSC Corporation LPC47M192 Datasheet HTML 191Page - SMSC Corporation LPC47M192 Datasheet HTML 192Page - SMSC Corporation LPC47M192 Datasheet HTML 193Page - SMSC Corporation LPC47M192 Datasheet HTML 194Page - SMSC Corporation LPC47M192 Datasheet HTML 195Page - SMSC Corporation LPC47M192 Datasheet HTML 196Page - SMSC Corporation LPC47M192 Datasheet HTML 197Page - SMSC Corporation LPC47M192 Datasheet HTML 198Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 228 page
background image
SMSC DS – LPC47M192
Page 194
Rev. 03/30/05
DATASHEET
HARDWARE MONITORING BLOCK
(TA = 0
oC – 70oC, HVCC = +3.3 ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
Temperature-to-Digital
Converter Characteristics
Internal Temperature Accuracy
External
Diode
Sensor
Accuracy
Remote Source Current
High Level
Low Level
-3
-2
-5
-3
±1
±1
90
5.5
+3
+2
+5
+3
130
7.5
oC
oC
oC
oC
oC
oC
µA
µA
0
0C <= TA <= 700C
40
0C <= TA <= 700C
Resolution
-40
0C <= TS <= 1250C
40
0C <= TS <= 1000C
Resolution
Analog-to-Digital Converter
Characteristics
Total Unadjusted Error
Differential Non-Linearity
Power Supply Sensitivity
Total Monitoring Cycle Time
(Cycle Mode)
Conversion Time
(Continuous Mode)
Option 1
Option 2
Input Resistance
ADC Resolution
TUE
DNL
PSS
tC(Cycle)
tC(Cts)
tC(Cts)
±1
±1
1.0
542.336
67.792
140
±2
1.4
200
%
LSB
%/V
sec
msec
msec
k
Ω
Note 4
Note 5
Note 6
8 bits
IM Type Input Buffer
(A0, VID0-VID4, XNOR_IN)
Low Input Level
High Input Level
VILI
VIHI
2.1
0.8
HVcc+0.3
V
V
IM Type Input Buffer
(SCLK)
Low Input Level
High Input Level
Hysteresis
VILI
VIHI
VHYS
2.1
500
0.8
HVcc+0.3
V
V
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com