Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 192 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 192 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 188Page - SMSC Corporation LPC47M192 Datasheet HTML 189Page - SMSC Corporation LPC47M192 Datasheet HTML 190Page - SMSC Corporation LPC47M192 Datasheet HTML 191Page - SMSC Corporation LPC47M192 Datasheet HTML 192Page - SMSC Corporation LPC47M192 Datasheet HTML 193Page - SMSC Corporation LPC47M192 Datasheet HTML 194Page - SMSC Corporation LPC47M192 Datasheet HTML 195Page - SMSC Corporation LPC47M192 Datasheet HTML 196Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 228 page
background image
SMSC DS – LPC47M192
Page 192
Rev. 03/30/05
DATASHEET
SUPER I/O BLOCK
(TA = 0
oC – 70oC, Vcc = +3.3 V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
IO8 Type Buffer
Low Input Level
High Input Level
Low Output Level
High Output Level
VILI
VIHI
VOL
VOH
2.0
2.4
0.8
5.5
0.4
V
V
V
V
TTL Levels
IOL = 8mA
IOH = -4mA
IS/O8 Type Buffer
Low Input Level
High Input Level
Schmitt Trigger Hysteresis
Low Output Level
High Output Level
VILI
VIHI
VHYS
VOL
VOH
2.2
2.4
100
0.8
5.5
0.4
V
V
mV
V
V
Schmitt Trigger
Schmitt Trigger
IOL = 8mA
IOH = -4mA
IO12 Type Buffer
Low Input Level
High Input Level
Low Output Level
High Output Level
VILI
VIHI
VOL
VOH
2.0
2.4
0.8
5.5
0.4
V
V
V
V
TTL Levels
IOL = 12mA
IOH = -6mA
IOP14 Type Buffer
Low Input Level
High Input Level
Low Output Level
High Output Level
VILI
VIHI
VOL
VOH
2.0
2.4
0.8
5.5
0.4
V
V
V
V
TTL Levels
IOL = 14mA
IOH = -14mA
IOD16 Type Buffer
Low Input Level
High Input Level
Low Output Level
High Output Level
VILI
VIHI
VOL
VOH
2.0
0.8
5.5
0.4
Vcc+0.3
V
V
V
V
TTL Levels
IOL = 16mA
Open Drain; Vcc=3.3V
PCI Type Buffers
(PCI_ICLK,
PCI_I,
PCI_O,
PCI_IO)
3.3V PCI 2.1 Compatible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com