Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 189 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 189 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 185Page - SMSC Corporation LPC47M192 Datasheet HTML 186Page - SMSC Corporation LPC47M192 Datasheet HTML 187Page - SMSC Corporation LPC47M192 Datasheet HTML 188Page - SMSC Corporation LPC47M192 Datasheet HTML 189Page - SMSC Corporation LPC47M192 Datasheet HTML 190Page - SMSC Corporation LPC47M192 Datasheet HTML 191Page - SMSC Corporation LPC47M192 Datasheet HTML 192Page - SMSC Corporation LPC47M192 Datasheet HTML 193Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 228 page
background image
SMSC DS – LPC47M192
Page 189
Rev. 03/30/05
DATASHEET
NAME/DEFAULT
REGISTER
OFFSET
(hex)
DESCRIPTION
Test Digital Value
Register
Default = 0x00
on HVCC POR
and Initialization
4C
(R/W)
This register is used for the digital test mode test.
Special Function
Register
Default = 0x00
on HVCC POR
and Initialization
4F
(R/W)
Bit[0] Low-Power Mode Select
0= Sleep Mode (default)
1= Shutdown Mode
Bit[1] Monitoring Mode Select
0= Continuous Monitor Mode (default)
1= Cycle Monitor Mode
Bit[2] THERM# Enable
0=A0/RESET function as selected by bit 7 of VID register (default)
1=Enables THERM# pin output function
Bit[3] THERM# Voltage Enable
0=Out-of-limit/equal-limit voltages do not affect the state of the
THERM# pin (default)
1=Enable out-of-limit/equal-limit voltages to make the THERM#
pin active low
Bit [4]
Offset Register Configure
0= offset register configured to the external temperature
channels. (Default)
1= offset register configured to the internal temperature
channel.
Bit[5] Number of measurements of each temperature and voltage
reading made.
0= take 128 separate measurements of the data from the analog
block for both remote diode temperature readings before
averaging the result and storing it in the value register for remote
diode temperature measurements; take 8 separate measurements
of all other voltage and internal temperature readings before
averaging. (Default)
1 =use 16 averaging for both remote diode temperature readings
and no averaging for all other voltage and internal temperature
values. Setting this bit to ‘1’ would be used for power saving.
Bits[7:6] Reserved
Note:
Reserved bits are Read-Only and return ‘0’ when read. Reserved1 bits are Read-Only and return a ‘1’ when
read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com